Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-67OC-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL133-67OC-R
Description  Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL133-67OC-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL133-67OC-R Datasheet HTML 1Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 2Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 3Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 4Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 5Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PL133-67
Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/18/11 Page 1
FEATURES
 1:6 LVCMOS output fanout buffer for DC to 150MHz
 8mA Output Drive Strength
 Low power consumption for portable applications
 Low input-output delay
 Output-Output skew less than 250ps
 Low Additive Phase Jitter of 60fs RMS
 2.5V to 3.3V, ±10% operation
 Operating temperature range from -40°C to 85°C
 Available in 16-Pin SOP GREEN/RoHS package
DESCRIPTION
The PL133-67 is an advanced fanout buffer design for
high performance, low-power, small form factor applica-
tions. The PL133-67 accepts a reference clock input from
DC to 150MHz and provides 6 outputs of the same fre-
quency.
The PL133-67 is offered in a TSSOP-16L package and it
offers the best phase noise, additive jitter performance,
and lowest power consumption of any comparable IC.
The PL133-67 outputs can be disabled to a high imped-
ance (tri-state) by pulling low the OE pin. When the OE pin
is high, the outputs are enabled and follow the REF input
signal. When the OE pin is left open, a pull-up resistor on
the chip will default the OE pin to logic 1 so the outputs are
enabled.
BLOCK DIAGRAM AND PACKAGE PINOUT
REF
CLK1
CLK2
CLK3
CLK4
CLK5
CLK6
1
REF
DNC
CLK0
VDD
DNC
DNC
CLK5
VDD
GND
CLK4
CLK3
GND
10
11
12
13
14
15
16
9
8
7
6
5
4
3
2
OE^
CLK2
CLK1
GND
TSSOP-16L
OE


Similar Part No. - PL133-67OC-R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL133-67OC MICROCHIP-PL133-67OC Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:6 Fanout Buffer IC
Revision A (April 2022)
More results

Similar Description - PL133-67OC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S006AGILF IDT-ICS854S006AGILF Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
854S006I IDT-854S006I Datasheet
272Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006 IDT-854S006 Datasheet
691Kb / 17P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
ICS8546-01 IDT-ICS8546-01 Datasheet
1,019Kb / 19P
Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
logo
Microchip Technology
PL133-47 MICROCHIP-PL133-47 Datasheet
2Mb / 20P
Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
Revision A (April 2022)
PL133-67 MICROCHIP-PL133-67 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:6 Fanout Buffer IC
Revision A (April 2022)
PL133-97 MICROCHIP-PL133-97 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:9 Fanout Buffer IC
Revision A (April 2022)
logo
Renesas Technology Corp
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
ICS8546-01 RENESAS-ICS8546-01 Datasheet
1Mb / 20P
Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
FEBRUARY 25, 2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com