Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-67OC-R Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # PL133-67OC-R
Description  Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL133-67OC-R Datasheet(HTML) 5 Page - Micrel Semiconductor

  PL133-67OC-R Datasheet HTML 1Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 2Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 3Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 4Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 5Page - Micrel Semiconductor PL133-67OC-R Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PL133-67
Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/18/11 Page 5
SWITCHING WAVEFORMS
TEST CIRCUIT
1.4V
1.4V
t2
t1
VDD/2
INPUT
t6
OUTPUT
VDD/2
1.4V
OUTPUT
t5
OUTPUT
1.4V
Duty Cycle Timing
All Outputs Rise/Fall Time
Output-Output Skew
Input-Output Propagation Delay
t3
t4
OUTPUT
0.8V
2.0V
0V
3.3V
V
0.8V
2.0V
VDD
VDD
GND
GND
OUTPUTS
CLOAD
CLK
0.1
F
0.1
F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com