Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN4022 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # FN4022
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN4022 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button FN4022 Datasheet HTML 3Page - Renesas Technology Corp FN4022 Datasheet HTML 4Page - Renesas Technology Corp FN4022 Datasheet HTML 5Page - Renesas Technology Corp FN4022 Datasheet HTML 6Page - Renesas Technology Corp FN4022 Datasheet HTML 7Page - Renesas Technology Corp FN4022 Datasheet HTML 8Page - Renesas Technology Corp FN4022 Datasheet HTML 9Page - Renesas Technology Corp FN4022 Datasheet HTML 10Page - Renesas Technology Corp FN4022 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
HIP2100
FN4022 Rev.16.00
Page 7 of 14
Aug 8, 2019
Timing Diagrams
FIGURE 3.
FIGURE 4.
tHPLH,
tLPLH
tHPHL,
tLPHL
HI,
LI
HO,
LO
tMON
tMOFF
LI
HI
LO
HO
Typical Performance Curves
FIGURE 5. OPERATING CURRENT vs FREQUENCY
FIGURE 6. HB TO VSS OPERATING CURRENT vs
FREQUENCY
FIGURE 7. HIGH LEVEL OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 8. LOW LEVEL OUTPUT VOLTAGE vs TEMPERATURE
T = +125°C
T = +25°C
T = -40°C
T = +150°C
10k
100k
1M
10
1
0.1
0.01
FREQUENCY (Hz)
T = -40°C
T = +125°C
T = +25°C
T = +150°C
10
1
0.1
0.01
10k
100k
1M
FREQUENCY (Hz)
TEMPERATURE (°C)
500
400
300
200
100
-50
0
50
100
150
VHB = VDD = 9V
VHB = VDD = 12V
VHB = VDD = 14V
TEMPERATURE (°C)
500
400
300
200
100
-50
0
50
100
150
VHB = VDD = 9V
VHB = VDD = 12V
VHB = VDD = 14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com