Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN4022 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # FN4022
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN4022 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button FN4022 Datasheet HTML 4Page - Renesas Technology Corp FN4022 Datasheet HTML 5Page - Renesas Technology Corp FN4022 Datasheet HTML 6Page - Renesas Technology Corp FN4022 Datasheet HTML 7Page - Renesas Technology Corp FN4022 Datasheet HTML 8Page - Renesas Technology Corp FN4022 Datasheet HTML 9Page - Renesas Technology Corp FN4022 Datasheet HTML 10Page - Renesas Technology Corp FN4022 Datasheet HTML 11Page - Renesas Technology Corp FN4022 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
HIP2100
FN4022 Rev.16.00
Page 8 of 14
Aug 8, 2019
FIGURE 9. UNDERVOLTAGE LOCKOUT THRESHOLD vs
TEMPERATURE
FIGURE 10. UNDERVOLTAGE LOCKOUT HYSTERESIS vs
TEMPERATURE
FIGURE 11. PROPAGATION DELAYS vs TEMPERATURE
FIGURE 12. PEAK PULLUP CURRENT vs OUTPUT VOLTAGE
FIGURE 13. PEAK PULLDOWN CURRENT vs OUTPUT
VOLTAGE
FIGURE 14. BOOTSTRAP DIODE I-V CHARACTERISTICS
Typical Performance Curves (Continued)
TEMPERATURE (°C)
-50
0
50
100
150
7.6
7.4
7.2
7.0
6.8
6.6
VDDR
VHBR
TEMPERATURE (°C)
-50
0
50
100
150
0.54
0.50
0.46
0.42
0.38
0.30
VDDH
VHBH
0.34
tHPHL
tHPLH
tLPHL
tLPLH
TEMPERATURE (°C)
-50
0
50
100
150
30
25
20
15
6
2.0
12
10
8
4
2
0
2.5
1.5
1.0
0.5
0
VHO, VLO (V)
6
2.0
12
10
8
4
2
0
2.5
1.5
1.0
0.5
0
VLO, VHO (V)
0.8
1.000
0.100
0.010
0.001
1ꞏ10-4
1ꞏ10-5
1ꞏ10-6
0.7
0.6
0.5
0.4
0.3
FORWARD VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com