Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN4022 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FN4022
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN4022 Datasheet(HTML) 2 Page - Renesas Technology Corp

  FN4022 Datasheet HTML 1Page - Renesas Technology Corp FN4022 Datasheet HTML 2Page - Renesas Technology Corp FN4022 Datasheet HTML 3Page - Renesas Technology Corp FN4022 Datasheet HTML 4Page - Renesas Technology Corp FN4022 Datasheet HTML 5Page - Renesas Technology Corp FN4022 Datasheet HTML 6Page - Renesas Technology Corp FN4022 Datasheet HTML 7Page - Renesas Technology Corp FN4022 Datasheet HTML 8Page - Renesas Technology Corp FN4022 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HIP2100
FN4022 Rev.16.00
Page 2 of 14
Aug 8, 2019
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
TAPE AND REEL
(Units) (Note 1)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
HIP2100IBZ
2100 IBZ
-40 to +125
-
8 Ld SOIC
M8.15
HIP2100IBZT
2100 IBZ
-40 to +125
2.5k
8 Ld SOIC
M8.15
HIP2100EIBZ
2100 EIBZ
-40 to +125
-
8 Ld EPSOIC
M8.15C
HIP2100EIBZT
2100 EIBZ
-40 to +125
2.5k
8 Ld EPSOIC
M8.15C
HIP2100IRZ
HIP 2100IRZ
-40 to +125
-
16 Ld 5x5 QFN
L16.5x5
HIP2100IRZT
HIP 2100IRZ
-40 to +125
6k
16 Ld 5x5 QFN
L16.5x5
HIP2100EVAL2
Evaluation Board
NOTES:
1. See TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J-STD-020.
3. For Moisture Sensitivity Level (MSL), see the HIP2100 device page. For more information about MSL, see TB363.
Pinouts
(8 LD SOIC, EPSOIC)
TOP VIEW
EPAD = Exposed PAD.
(16 LD QFN)
TOP VIEW
Pin Descriptions
SYMBOL
DESCRIPTION
VDD
Positive Supply to lower gate drivers. De-couple this pin to VSS. Bootstrap diode connected to HB.
HB
High-Side Bootstrap supply. External bootstrap capacitor is required. Connect positive side of bootstrap capacitor to this pin.
Bootstrap diode is on-chip.
HO
High-Side Output. Connect to gate of High-Side power MOSFET.
HS
High-Side Source connection. Connect to source of High-Side power MOSFET. Connect negative side of bootstrap capacitor to
this pin.
HI
High-Side input.
LI
Low-Side input.
VSS
Chip negative supply, generally will be ground.
LO
Low-Side Output. Connect to gate of Low-Side power MOSFET.
EPAD
Exposed Pad. Connect to ground or float. The EPAD is electrically isolated from all other pins.
5
6
8
7
4
3
2
1
VDD
HB
HO
HS
LO
LI
HI
VSS
EPAD
1
3
4
15
HB
HO
16
14
13
2
12
10
9
11
6
57
8
VSS
LI
NC
NC
NC
NC
EPAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com