Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN4022 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FN4022
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN4022 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FN4022 Datasheet HTML 1Page - Renesas Technology Corp FN4022 Datasheet HTML 2Page - Renesas Technology Corp FN4022 Datasheet HTML 3Page - Renesas Technology Corp FN4022 Datasheet HTML 4Page - Renesas Technology Corp FN4022 Datasheet HTML 5Page - Renesas Technology Corp FN4022 Datasheet HTML 6Page - Renesas Technology Corp FN4022 Datasheet HTML 7Page - Renesas Technology Corp FN4022 Datasheet HTML 8Page - Renesas Technology Corp FN4022 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN4022 Rev.16.00
Page 1 of 14
Aug 8, 2019
FN4022
Rev.16.00
Aug 8, 2019
HIP2100
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
DATASHEET
The HIP2100 is a high frequency, 100V Half Bridge
N-Channel power MOSFET driver IC. The low-side and
high-side gate drivers are independently controlled and
matched to 8ns. This gives the user maximum flexibility in
dead-time selection and driver protocol. Undervoltage
protection on both the low-side and high-side supplies force
the outputs low. An on-chip diode eliminates the discrete
diode required with other driver ICs. A new level-shifter
topology yields the low-power benefits of pulsed operation
with the safety of DC operation. Unlike some competitors,
the high-side output returns to its correct state after a
momentary undervoltage of the high-side supply.
Applications
• Telecom Half Bridge Power Supplies
• Avionics DC/DC Converters
• Two-Switch Forward Converters
• Active Clamp Forward Converters
Related Literature
For a full list of related documents, visit our website:
• HIP2100 device page
Features
• Drives N-Channel MOSFET Half Bridge
• SOIC, EPSOIC, and QFN Package Options
• SOIC and EPSOIC Packages Compliant with 100V
Conductor Spacing Guidelines of IPC-2221
• Pb-Free (RoHS Compliant)
• Bootstrap Supply Max Voltage to 114VDC
• On-Chip 1Ω Bootstrap Diode
• Fast Propagation Times for Multi-MHz Circuits
• Drives 1000pF Load with Rise and Fall Times Typ 10ns
• CMOS Input Thresholds for Improved Noise Immunity
• Independent Inputs for Non-Half Bridge Topologies
• No Start-Up Problems
• Outputs Unaffected by Supply Glitches, HS Ringing Below
Ground, or HS Slewing at High dv/dt
• Low Power Consumption
• Wide Supply Range
• Supply Undervoltage Protection
• 3Ω Driver Output Resistance
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package Footprint, which Improves
PCB Efficiency and has a Thinner Profile


Similar Part No. - FN4022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN402-0.5-02 ETC2-FN402-0.5-02 Datasheet
237Kb / 4P
Low Cost PCB Filter
logo
Schaffner International...
FN402-0.5-02 SCHAFFNER-FN402-0.5-02 Datasheet
572Kb / 4P
Low Cost PCB Filter
logo
List of Unclassifed Man...
FN402-1-02 ETC2-FN402-1-02 Datasheet
237Kb / 4P
Low Cost PCB Filter
logo
Schaffner International...
FN402-1-02 SCHAFFNER-FN402-1-02 Datasheet
572Kb / 4P
Low Cost PCB Filter
logo
List of Unclassifed Man...
FN402-1.6-02 ETC2-FN402-1.6-02 Datasheet
237Kb / 4P
Low Cost PCB Filter
More results

Similar Description - FN4022

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2101 INTERSIL-HIP2101 Datasheet
413Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100 INTERSIL-HIP2100_04 Datasheet
348Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100 INTERSIL-HIP2100 Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IBT INTERSIL-HIP2100IBT Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2101EIBZT INTERSIL-HIP2101EIBZT Datasheet
419Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100IBZT INTERSIL-HIP2100IBZT Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IB INTERSIL-HIP2100IB Datasheet
387Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
HIP2101IB INTERSIL-HIP2101IB Datasheet
410Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
logo
Renesas Technology Corp
HIP2100 RENESAS-HIP2100 Datasheet
670Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2101 RENESAS-HIP2101 Datasheet
673Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com