Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN4022 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # FN4022
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN4022 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button FN4022 Datasheet HTML 6Page - Renesas Technology Corp FN4022 Datasheet HTML 7Page - Renesas Technology Corp FN4022 Datasheet HTML 8Page - Renesas Technology Corp FN4022 Datasheet HTML 9Page - Renesas Technology Corp FN4022 Datasheet HTML 10Page - Renesas Technology Corp FN4022 Datasheet HTML 11Page - Renesas Technology Corp FN4022 Datasheet HTML 12Page - Renesas Technology Corp FN4022 Datasheet HTML 13Page - Renesas Technology Corp FN4022 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
HIP2100
FN4022 Rev.16.00
Page 10 of 14
Aug 8, 2019
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make sure that
you have the latest revision.
DATE
REVISION
CHANGE
Aug 8, 2019
FN4022.16
Added Related Literature
Updated Links throughout.
Updated Ordering Information table by removing retired parts, adding tape and reel information, and adding
Note 3.
Removed all information for DFN package.
Removed About Intersil section.
Updated disclaimer
Updated POD M8.15C to the latest revision changes are as follows:
-Updated Millimeter MIN and MAX values for A from: 1.43 MIN and 1.68 MAX to: 1.422 MIN and 1.700 MAX
-Updated Inch MAX for A from: 0.066 to: 0.067
-A1 Inches changed MIN from: 0.001 to 0.0, and A1 Millimeters MIN from 0.03 to 0.0
-L Millimeter Min changed from: 0.41 to 0.406
Aug 31, 2015
FN4022.15
Updated Ordering Information Table on page 2.
Added Revision History and About Intersil sections.
Updated POD M8.15 from rev 1 to rev 4. Changes since rev 1:
Updated to new format by removing table, moving dimensions onto drawing and adding land pattern
Typical Recommended Land Pattern, changed the following:
2.41(0.095) to 2.20(0.087)
0.76 (0.030) to 0.60(0.023)
0.200 to 5.20(0.205)
Changed Note 1 "1982" to "1994"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com