Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2018 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2018
Description  16V, 500mA, Low Quiescent Current Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2018 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2018 Datasheet HTML 1Page - Monolithic Power Systems MP2018 Datasheet HTML 2Page - Monolithic Power Systems MP2018 Datasheet HTML 3Page - Monolithic Power Systems MP2018 Datasheet HTML 4Page - Monolithic Power Systems MP2018 Datasheet HTML 5Page - Monolithic Power Systems MP2018 Datasheet HTML 6Page - Monolithic Power Systems MP2018 Datasheet HTML 7Page - Monolithic Power Systems MP2018 Datasheet HTML 8Page - Monolithic Power Systems MP2018 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP2018
– 16V, 500mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
MP2018 Rev. 1.0
www.MonolithicPower.com
4
7/12/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 13.5V, TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
GND pin current
IGND
0 < IOUT < 1mA
12
17
µA
1mA < IOUT < 30mA
16
22
30mA < IOUT < 500mA
105
150
Load current limit
ILIMIT
VOUT = 0V
550
900
1450
mA
Output voltage accuracy
MP2018GZD-5, VIN = 6V to 16V,
ILOAD = 5mA
4.9
5
5.1
V
MP2018GZD-33, VIN = 4.3V to 16V,
ILOAD = 5mA
3.234
3.3
3.366
Dropout voltage (6)
VDROPOUT
MP2018GZD-5, ILOAD = 300mA,
VDROPOUT = VIN - VO
400
650
mV
MP2018GZD-33, ILOAD = 300mA,
VDROPOUT = VIN - VO
500
700
MP2018GZD-5, ILOAD = 500mA,
VDROPOUT = VIN - VO
750
1000
MP2018GZD-33, ILOAD = 500mA,
VDROPOUT = VIN - VO
1000
1300
Line regulation
VIN = 8V to 16V, ILOAD = 5mA
-10
1
10
mV
Load regulation
ILOAD = 5mA to 500mA
1
15
mV
Output voltage PSRR (7)
100Hz, COUT = 10
μF, ILOAD = 10mA
57
dB
1kHz, COUT = 10
μF, ILOAD = 10mA
45
dB
100kHz, COUT = 10
μF, ILOAD = 10mA
51
dB
Startup response time
MP2018GZD-5, ILOAD = 10mA,
COUT = 22µF
1
2
ms
MP2018GZD-33, ILOAD = 10mA,
COUT = 22µF
0.6
1.5
PG rising threshold
90%
93%
96%
VOUT
PG rising threshold hysteresis
5%
VOUT
PG low voltage
Sink 1mA current
0.1
0.4
V
PG leakage current
VPG = 5V
1
µA
PGDL charging current
IPGDL
VPGDL = 1V
3
5.5
9
µA
PGDL rising threshold
1.5
1.65
2
V
PGDL falling threshold
0.2
0.4
0.7
V
PG delay time
tPGDL
CPGDL = 47nF, 10% to 90% PGDL
rising threshold
6
11
14
ms
PG reaction time
CPGDL = 47nF
0.5
2
µs
Thermal shutdown (7)
TSD
165
C
Thermal shutdown hysteresis (7)
ΔTSD
30
C
NOTES:
6) Dropout voltage: Measured when the output voltage (VOUT) has dropped 100mV from the nominal value obtained at VIN = 13.5V.
1) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com