Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2018 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2018
Description  16V, 500mA, Low Quiescent Current Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2018 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2018 Datasheet HTML 5Page - Monolithic Power Systems MP2018 Datasheet HTML 6Page - Monolithic Power Systems MP2018 Datasheet HTML 7Page - Monolithic Power Systems MP2018 Datasheet HTML 8Page - Monolithic Power Systems MP2018 Datasheet HTML 9Page - Monolithic Power Systems MP2018 Datasheet HTML 10Page - Monolithic Power Systems MP2018 Datasheet HTML 11Page - Monolithic Power Systems MP2018 Datasheet HTML 12Page - Monolithic Power Systems MP2018 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP2018
– 16V, 500mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
MP2018 Rev. 1.0
www.MonolithicPower.com
10
7/12/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
VIN
1uF
RPG
MP2018
GND
PG
OUT
IN
PGDL
1
4
3
2
5
VOUT
VPG
COUT
CIN
CPGDL
IIN
IOUT
IPG
IPGDL
VPGDL
IGND
22µF
100kΩ
47nF
Power On
Reset
Thermal
Shutdown
Voltage Dip
at Input
Undervoltage
Secondary
Spike
Overload at
Output
VIN
VOUT
VPGDL
VPG
tPGD
tPGR
< tPGR
t
t
t
t
VPG-High
VPGDL-Low
VPGDL-High
d∆V/d∆t
=IPGDL/CPGDL
Figure 2: Power Good Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com