Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2018 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2018
Description  16V, 500mA, Low Quiescent Current Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2018 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2018 Datasheet HTML 1Page - Monolithic Power Systems MP2018 Datasheet HTML 2Page - Monolithic Power Systems MP2018 Datasheet HTML 3Page - Monolithic Power Systems MP2018 Datasheet HTML 4Page - Monolithic Power Systems MP2018 Datasheet HTML 5Page - Monolithic Power Systems MP2018 Datasheet HTML 6Page - Monolithic Power Systems MP2018 Datasheet HTML 7Page - Monolithic Power Systems MP2018 Datasheet HTML 8Page - Monolithic Power Systems MP2018 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP2018
16V, 500mA, Low Quiescent Current
Linear Regulator
MP2018 Rev. 1.0
www.MonolithicPower.com
1
7/12/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP2018 is a low-power linear regulator
that supplies power to systems with high-
voltage batteries. The MP2018 includes a wide
3V to 16V input voltage range, low dropout
voltage, and low quiescent supply current. The
low quiescent current and low dropout voltage
allow the MP2018 to operate at extremely low
power levels. Therefore, the MP2018 is ideal for
low-power
microcontrollers
and
battery-
powered equipment.
The MP2018 provides two fixed output voltage
options: 3.3V and 5.0V.
The regulator output current is limited internally,
and the device is protected against short-circuit,
overload, and over-temperature conditions. The
MP2018 also includes thermal shutdown and
current-limiting fault protection.
The
MP2018
is
available
in
a
TO252-5
package.
FEATURES
 3V to 16V Input Range
 10µA Quiescent Supply Current
 Stable with Low-Value Output Ceramic
Capacitor (>0
.47μF)
 500mA Specified Current
 Fixed Output Voltage
 Output ±2% Accuracy
 Specified Current Limit
 Power Good
 Programmable Power Good Delay
 Thermal Shutdown and Short-Circuit
Protection (SCP)
 -40°C to +150°C Specified Junction
Temperature Range
 Available in a TO252-5 Package
APPLICATIONS
 Portable/Battery-Powered Equipment
 Ultra-Low Power Microcontrollers
 Cellular Handsets
 Medical Imaging
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IN
OUT
PG
GND
VOUT
PGD
MP2018
VIN


Similar Part No. - MP2018

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
MP2018 ZFSWITCHES-MP2018 Datasheet
252Kb / 2P
Reed based magnetic proximity sensor in plastic flange-mount package
logo
List of Unclassifed Man...
MP201801 ETC1-MP201801 Datasheet
206Kb / 1P
MAGNETIC PROXIMITY SENSORS
logo
ZF Friedrichshafen AG
MP201801 ZFSWITCHES-MP201801 Datasheet
252Kb / 2P
Reed based magnetic proximity sensor in plastic flange-mount package
logo
List of Unclassifed Man...
MP201802 ETC1-MP201802 Datasheet
206Kb / 1P
MAGNETIC PROXIMITY SENSORS
logo
ZF Friedrichshafen AG
MP201802 ZFSWITCHES-MP201802 Datasheet
252Kb / 2P
Reed based magnetic proximity sensor in plastic flange-mount package
More results

Similar Description - MP2018

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
logo
Microchip Technology
MCP1703 MICROCHIP-MCP1703_09 Datasheet
546Kb / 32P
250 mA, 16V, Low Quiescent Current LDO Regulator
2009
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
250 mA, 16V, Low Quiescent Current LDO Regulator
2011
MCP1703A MICROCHIP-MCP1703A Datasheet
3Mb / 30P
250 mA, 16V, Low Quiescent Current LDO Regulator
11/29/11
MCP1703T-5002E MICROCHIP-MCP1703T-5002E Datasheet
745Kb / 32P
250 mA, 16V, Low Quiescent Current LDO Regulator
02/18/11
MCP1703AT-3002E MICROCHIP-MCP1703AT-3002E Datasheet
3Mb / 30P
250 mA, 16V, Low Quiescent Current LDO Regulator
11/29/11
MCP1703A MICROCHIP-MCP1703A_13 Datasheet
2Mb / 31P
250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
logo
SHANGHAI BELLING CO., L...
BL8075 BELLING-BL8075 Datasheet
856Kb / 6P
16V 500mA Low Consumption Linear Regulator
logo
Monolithic Power System...
MP2014 MPS-MP2014 Datasheet
926Kb / 13P
40V, 500mA, Low Quiescent Current Linear Regulator
logo
ACE Technology Co., LTD...
ACE528C ACE-ACE528C Datasheet
448Kb / 8P
16V 500mA Low Consumption Linear Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com