Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2018 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2018
Description  16V, 500mA, Low Quiescent Current Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2018 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2018 Datasheet HTML 5Page - Monolithic Power Systems MP2018 Datasheet HTML 6Page - Monolithic Power Systems MP2018 Datasheet HTML 7Page - Monolithic Power Systems MP2018 Datasheet HTML 8Page - Monolithic Power Systems MP2018 Datasheet HTML 9Page - Monolithic Power Systems MP2018 Datasheet HTML 10Page - Monolithic Power Systems MP2018 Datasheet HTML 11Page - Monolithic Power Systems MP2018 Datasheet HTML 12Page - Monolithic Power Systems MP2018 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP2018
– 16V, 500mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
MP2018 Rev. 1.0
www.MonolithicPower.com
11
7/12/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Input Capacitor
For proper operation, place a dielectric type
X5R or X7R ceramic capacitor between 1 -
10µF (C1) between the input pin and ground.
Larger values in this range help improve line
transient response.
Selecting the Output Capacitor
For stable operation, use a dielectric type X5R
or X7R ceramic capacitor (C2) between 1 -
22µF. Larger values in this range help improve
load transient response and reduce noise.
Output capacitors of other dielectric types may
be used but are not recommended since their
capacitance can deviate greatly from their rated
value over temperature.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
good
regulation, ripple rejection, transient response,
and
thermal
performance.
It
is
highly
recommended to duplicate the EVB layout for
optimal performance. For best results, refer to
Figure 3, Figure 4, and follow the guidelines
below.
1.
Place the input and output bypass ceramic
capacitors
close
to
IN
and
OUT
respectively.
2.
Connect IN, OUT, and especially GND to a
large copper area to cool the chip and
improve thermal performance and long-
term reliability.
C2
C1
IN
PGDL
GND
PG
OUT
VIN
VOUT
MP2018
R1
C3
Figure 3: MP2018 Schematic
Top Layer
Bottom Layer
Figure 4: Recommended Layout
Design Example
Figure 5 shows a design example following the
application guidelines.
C2
C1
IN
PGDL
GND
PG
OUT
VIN
VOUT
MP2018
R1
C3
1μF
47nF
100kΩ
22μF
Figure 5: Design Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com