Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2018 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2018
Description  16V, 500mA, Low Quiescent Current Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2018 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2018 Datasheet HTML 5Page - Monolithic Power Systems MP2018 Datasheet HTML 6Page - Monolithic Power Systems MP2018 Datasheet HTML 7Page - Monolithic Power Systems MP2018 Datasheet HTML 8Page - Monolithic Power Systems MP2018 Datasheet HTML 9Page - Monolithic Power Systems MP2018 Datasheet HTML 10Page - Monolithic Power Systems MP2018 Datasheet HTML 11Page - Monolithic Power Systems MP2018 Datasheet HTML 12Page - Monolithic Power Systems MP2018 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MP2018
– 16V, 500mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
MP2018 Rev. 1.0
www.MonolithicPower.com
9
7/12/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP2018 is a linear regulator that supplies
power to systems with high-voltage batteries.
The MP2018 includes a wide 3V to 16V input
range, low dropout voltage, and low quiescent
supply current.
Short-Circuit Protection (SCP)
The regulator output current is limited internally,
and the device is protected against short-circuit
and overload conditions. The peak output
current is limited to around 900mA, which
exceeds the 500mA recommended continuous
output current.
Thermal Shutdown
When the junction temperature exceeds the
upper threshold (165°C), the thermal sensor
sends a signal to the control logic to shut down
the IC. The IC restarts when the temperature
has cooled sufficiently (135°C).
The maximum power output current is a
function of the package’s maximum power
dissipation for a given temperature.
The maximum power dissipation depends on
the thermal resistance of the case and the
circuit
board,
the
temperature
difference
between the die junction and the ambient air,
and the rate of the air flow. GND and the
exposed pad must be connected to the ground
plane for proper dissipation.
Power Good (PG) Output
The MP2018 has a power good pin (PG). PG is
the open drain of an internal MOSFET and
should be connected to the output voltage (VOUT)
or an external voltage source (<15V) through a
resistor (i.e.: 100k
Ω). If VOUT reaches 93% of the
nominal value, the MOSFET turns off, and PG
is pulled high by VOUT or an external voltage
source. When VOUT drops to 88% of the nominal
value, the PG voltage is pulled to GND.
There is a delay time when PG asserts high.
The delay time can be programmed by adding a
capacitor on PGDL. Select a capacitor for
PGDL using Equation (1):
PGDL
PGDL
PGDL
th_PGDL
t
(ms) I
( A)
C
(nF)
V
(V)
(1)
Where tPGDL is the desired delay time when PG
asserts high, IPGDL is the PGDL charging current,
and Vth_PGDL is 1.65V.
Figure 2 shows the power good timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com