Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK3205P/G/D Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LNK3205P/G/D
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3205P/G/D Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LNK3205P/G/D Datasheet HTML 7Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 8Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 9Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 10Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 11Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 12Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 13Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 14Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Rev. Q 06/23
11
LinkSwitch-TN2
www.power.com
Absolute Maximum Ratings(1,5)
DRAIN Pin Voltage: LNK320x.........................................-0.3 to 725 V
LNK329x.........................................-0.3 to 900 V
DRAIN Pin Peak Current: LNK3202 .......................................600 mA2
LNK3204 .....................................1230 mA2
LNK3205 .....................................2460 mA2
LNK3206 .....................................3750 mA2
LNK3207 .....................................3750 mA2
LNK3208 .....................................6300 mA2
LNK3209 ................................... 10200 mA2
LNK3294 .......................................968 mA2
LNK3296 .....................................3194 mA2
FEEDBACK Pin Voltage.................................................. -0.3 V to 7 V
FEEDBACK Pin Current..........................................................100 mA
BYPASS Pin Voltage ........................................................0.3 V to 7 V
Storage Temperature .............................................-65 °C to 150 °C
Operating Junction Temperature3 ............................-40 °C to 150 °C
Lead Temperature4 ................................................................260 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. See Figure 15 and Figure 23, for V
DS > 400 V.
3. Normally limited by internal circuitry.
4. 1/16 in. from case for 5 seconds.
5. Maximum ratings specified may be applied, one at a time,
without causing permanent damage to the product.
Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect product reliability.
Thermal Resistance
Thermal Resistance: P or G Package:
(q
JA) ....................................... 70 °C/W
2
; 60 °C/W3
(q
JC)
1
.......................................................11 °C/W
D Package:
(q
JA) .....................................100 °C/W
(2
; 80 °C/W3
(q
JC)
1
.......................................................30 °C/W
Notes:
1. Measured on pin 8 (SOURCE) close to plastic interface.
2. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad.
3. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 10
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Output
Frequency
f
OSC
T
J = 25 °C
Average
62
66
70
kHz
Peak-Peak Jitter
4
Maximum Duty Cycle
DC
MAX
S2 Open
LNK320x
66
69
73
%
LNK329x
65
68
72
FEEDBACK Pin Turnoff
Threshold Current
I
FB
V
BP = 5.0 V to 5.5 V
T
J = 25 °C
44
49
54
μ
A
FEEDBACK Pin Voltage
at Turnoff Threshold
V
FB
V
BP = 5.0 V to 5.5 V
T
J = 25 °C
1.97
2.00
2.03
V
FEEDBACK Pin Instant
Shutdown Current
I
FB(SD)
T
J = 25 °C
520
675
800
μ
A
FEEDBACK Pin Instant
Shutdown Delay
T
J = 25 °C
2
Switch
Cycles
FEEDBACK Pin Voltage
at Shutdown Current
V
FB(SD)
V
BP = 5.0 V to 5.5 V
T
J = 25 °C
3.3
V
DRAIN Pin
Supply Current
I
S1
V
FB = 2.1 V
(MOSFET Not Switching)
See Note A
LNK32xx
75
μ
A
LNK3208/9
95
I
S2
FEEDBACK Open
(MOSFET Switching)
See Notes A, B
LNK3202
98
160
μ
A
LNK3204
113
180
LNK3205
141
220
LNK3206
165
250
LNK3207
190
290
LNK3208
275
405
LNK3209
300
460
LNK3294
120
170
LNK3296
225
320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com