Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK3205P/G/D Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # LNK3205P/G/D
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3205P/G/D Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button LNK3205P/G/D Datasheet HTML 11Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 12Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 13Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 14Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 15Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 16Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 17Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 18Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Rev. Q 06/23
15
LinkSwitch-TN2
www.power.com
NOTES:
A. Total current consumption is the sum of I
S1 and IDSS when FEEDBACK pin voltage is = 2.1 V (MOSFET not switching) and the sum of IS2 and
I
DSS when FEEDBACK pin is shorted to SOURCE (MOSFET switching).
B. Since the output MOSFET is switching, it is difficult to isolate the switching current from the supply current at the DRAIN. An alternative is
to measure the BYPASS pin current at 5.1 V.
C. This current is only intended to supply an optional optocoupler connected between the BYPASS and FEEDBACK pins and not any other
external circuitry.
D. For current limit at other di/dt values, refer to Figures 21 and 22.
E. This parameter is guaranteed by design.
F. This parameter is derived from characterization.
G. Auto-restart on time has the same temperature characteristics as the oscillator (inversely proportional to frequency).
H. The BP/M capacitor value tolerance should be equal or better than indicated below across the ambient temperature range of the target
application.
I. Measured using circuit in Figure 12 with 50 Ω drain pull-up. The width of the drain pulse is measured as the time from V
FALL = 42 V to
V
RISE = 40 V (VDR = 50 V), for LNK32x6/x5/x4 and as the time from VFALL = 32 V to VRISE = 30 V on rising edge (VDR = 35 V), for LNK3202.
Nominal BP/M Pin
Capacitor Value
Tolerance Relative to
Minimal Capacitor Value
Min
Max
0.1 μF
-60%
+100%
1 μF
-50%
+100%
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 10
(Unless Otherwise Specified)
Min
Typ
Max
Units
Output (cont.)
OFF-State Drain
Leakage Current
I
DSS1
V
BP = 5.4 V
V
FB ≥2.1 V
V
DS = 80% BVDSS
T
J = 125 °C
200
μ
A
I
DSS2
V
BPP = 5.4 V
V
DSS = 325 V
T
J = 25 °C
15
Breakdown Voltage
BV
DSS
V
BP = 5.4 V
V
FB ≥2.1 V
T
J = 25 °C
LNK320X
725
V
LNK329X
900
DRAIN Pin
Supply Voltage
T
J = 25 °C
LNK3202 to LNK3207
18
V
LNK3208 to LNK3209
LNK3294, LNK3296
25
Auto-Restart
ON-Time
t
AR(ON)
T
J = 25 °C
See Note G
50
ms
Auto-Restart
OFF-Time
t
AR(OFF)
T
J = 25 °C
See Note G
First Off Period
150
ms
Subsequent Periods
1500
Auto-Restart
Duty Cycle
DC
AR
Subsequent Periods
3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com