Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK3205P/G/D Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # LNK3205P/G/D
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3205P/G/D Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button LNK3205P/G/D Datasheet HTML 8Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 9Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 10Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 11Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 12Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 13Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 14Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 15Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Rev. Q 06/23
12
LinkSwitch-TN2
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 10
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions (cont.)
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V
T
J = 25 °C
-11
-7
-3
mA
I
CH2
V
BP = 4 V
T
J = 25 °C
-7.5
-5
-2.5
BYPASS Pin Voltage
V
BP
4.7
5.0
5.2
V
BYPASS Pin Shutdown
Threshold Current
I
BP(SD)
T
J = 25 °C
6
8
mA
BYPASS Pin
Shunt Voltage
V
BP(SHUNT)
I
BP = 2 mA
4.9
5.2
5.5
V
BYPASS Pin
Voltage Hysteresis
V
BP(H)
LNK32xx
0.37
0.47
0.57
V
LNK3208/9
0.35
0.47
0.60
BYPASS Pin
Supply Current
I
BP(SC)
See Note C
55
μ
A
Circuit Protection
Standard Current Limit
(CBP = 0.1 μF,
See Note D, H)
I
LIMIT
di/dt = 55 mA/μs
T
J = 25 °C
LNK3202
126
136
146
mA
di/dt = 250 mA/μs
T
J = 25 °C
149
170
191
di/dt = 65 mA/μs
T
J = 25 °C
LNK3204
240
257
275
di/dt = 415 mA/μs
T
J = 25 °C
278
317
356
di/dt = 75 mA/μs
T
J = 25 °C
LNK3205
350
375
401
di/dt = 500 mA/μs
T
J = 25 °C
394
448
502
di/dt = 95 mA/μs
T
J = 25 °C
LNK3206
450
482
515
di/dt = 610 mA/μs
T
J = 25 °C
510
580
650
di/dt = 95 mA/μs
T
J = 25 °C
LNK3207
725
780
835
di/dt = 610 mA/μs
T
J = 25 °C
893
1015
1137
di/dt = 165 mA/μs
T
J = 25 °C
LNK3208
970
1040
1110
di/dt = 1000 mA/μs
T
J = 25 °C
1131
1285
1440
di/dt = 165 mA/μs
T
J = 25 °C
LNK3209
1200
1300
1400
di/dt = 1000 mA/μs
T
J = 25 °C
1413
1600
1787
di/dt = 65 mA/μs
T
J = 25 °C
LNK3294
240
257
275
di/dt = 415 mA/μs
T
J = 25 °C
278
317
356
di/dt = 95 mA/μs
T
J = 25 °C
LNK3296
450
482
515
di/dt = 610 mA/μs
T
J = 25 °C
510
580
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com