Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK3205P/G/D Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # LNK3205P/G/D
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3205P/G/D Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button LNK3205P/G/D Datasheet HTML 10Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 11Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 12Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 13Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 14Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 15Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 16Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 17Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Rev. Q 06/23
14
LinkSwitch-TN2
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 10
(Unless Otherwise Specified)
Min
Typ
Max
Units
Circuit Protection (cont.)
Minimum On-Time
t
ON(MIN)
LNK3294
See Note I
356
480
599
ns
LNK3296
See Note I
350
550
760
Leading Edge
Blanking Time
t
LEB
T
J = 25 °C
See Note E
300
450
ns
Thermal Shutdown
Temperature
T
SD
See Note F
135
142
150
°C
Thermal Shutdown
Hysteresis
T
SDH
See Note F
75
°C
Internal Soft-Start
f
OSC(SS)
LNK32xx
Soft-Start Period
See Note E
256
Cycles
Soft-Start Frequency
33
kHz
LNK3208/9
Soft-Start Period 1
64
Cycles
Soft-Start Frequency 1
16.5
kHz
Soft-Start Period 2
64
Cycles
Soft-Start Frequency 2
22
kHz
Soft-Start Period 3
128
Cycles
Soft-Start Frequency 3
33
kHz
Output
ON-State
Resistance
R
DS(ON)
LNK3202
I
D = 13 mA
T
J = 25 °C
48
55.2
Ω
T
J = 100 °C
76
88.4
LNK3204
I
D = 25 mA
T
J = 25 °C
24
27.6
T
J = 100 °C
38
44.2
LNK3205
I
D = 35 mA
T
J = 25 °C
12
13.8
T
J = 100 °C
19
22.1
LNK3206
I
D = 45 mA
T
J = 25 °C
7
8.1
T
J = 100 °C
11
12.9
LNK3207
I
D = 45 mA
T
J = 25 °C
7
8.1
T
J = 100 °C
11
12.9
LNK3208
I
D = 45 mA
T
J = 25 °C
4.25
4.85
T
J = 100 °C
5.78
6.60
LNK3209
I
D = 45 mA
T
J = 25 °C
2.70
3.20
T
J = 100 °C
3.80
4.37
LNK3294
I
D = 83 mA
T
J = 25 °C
17
19.6
T
J = 100 °C
27
31
LNK3296
I
D = 163 mA
T
J = 25 °C
5.3
6.1
T
J = 100 °C
8.4
9.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com