Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK3205P/G/D Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # LNK3205P/G/D
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3205P/G/D Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button LNK3205P/G/D Datasheet HTML 14Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 15Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 16Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 17Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 18Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 19Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 20Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 21Page - Power Integrations, Inc. LNK3205P/G/D Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Rev. Q 06/23
18
LinkSwitch-TN2
www.power.com
Typical Performance Characteristics
Figure 20. Output Frequency vs. Junction Temperature.
Figure 22. Reduced Current Limit vs. di/dt.
Figure 21. Default Current Limit vs. di/dt.
1.0
1.2
0.8
0.6
0.4
0.2
0.0
-50
0
50
100
150
Junction Temperature (˚C)
1.2
1.0
1.4
0.8
0.6
0.4
0.2
0.0
1
2
3
4
5
6
7
Normalized di/dt
LNK3202 55 mA/µs 136 mA
LNK3204 65 mA/µs 257 mA
LNK3205 75 mA/µs 375 mA
LNK3206 95 mA/µs 482 mA
LNK3207 95 mA/µs 780 mA
LNK3208 165 mA/µs 1040 mA
LNK3209 165 mA/µs 1300 mA
Scaling
Factors:
Normalized
di/dt = 1
Normalized
ILIM = 1
1.2
1.0
1.4
0.8
0.6
0.4
0.2
0.0
1
2
3
4
5
6
7
Normalized di/dt
LNK3202 28 mA/µs
80 mA
LNK3204 65 mA/µs 205 mA
LNK3205 75 mA/µs 259 mA
LNK3206 95 mA/µs 370 mA
LNK3207 95 mA/µs 620 mA
LNK3208 165 mA/µs 840 mA
LNK3209 165 mA/µs 1050 mA
Scaling
Factors:
Normalized
di/dt = 1
Normalized
ILIM = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com