Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7526H Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # PFS7526H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7526H Datasheet(HTML) 3 Page - Power Integrations, Inc.

  PFS7526H Datasheet HTML 1Page - Power Integrations, Inc. PFS7526H Datasheet HTML 2Page - Power Integrations, Inc. PFS7526H Datasheet HTML 3Page - Power Integrations, Inc. PFS7526H Datasheet HTML 4Page - Power Integrations, Inc. PFS7526H Datasheet HTML 5Page - Power Integrations, Inc. PFS7526H Datasheet HTML 6Page - Power Integrations, Inc. PFS7526H Datasheet HTML 7Page - Power Integrations, Inc. PFS7526H Datasheet HTML 8Page - Power Integrations, Inc. PFS7526H Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Rev. D 04/25
3
PFS7523-7529/7533-7539
www.power.com
Pin Functional Description
BIAS POWER (VCC) Pin:
This is a 10.2-15 VDC [operating, 12 V typical] bias supply used to
power the IC. The bias voltage must be externally clamped to
prevent the BIAS POWER pin from exceeding 15 VDC to ensure
long-term reliability.
REFERENCE (REF) Pin:
This pin is connected to an external bypass capacitor and is used to
program the IC for either FULL or EFFICIENCY power mode. The
external capacitor is connected between the REFERENCE and SIGNAL
GROUND [G] pins. Note: the return trace to G must not be shared with
other return traces with a potential for large return currents during
surge events. The REFERENCE pin has two valid capacitor values to
select ‘Full’ (1.0 µF ±20%) and ‘Efficiency’ (0.1 µF ±20%) power
modes.
SIGNAL GROUND (G) Pin:
Discrete components used in the feedback circuit, including loop
compensation, decoupling capacitors for the BIAS POWER (VCC),
REFERENCE (REF) and VOLTAGE MONITOR (V) must be referenced to
the SIGNAL GROUND (G) pin. The SIGNAL GROUND pin is also
connected to the tab of the device. The SIGNAL GROUND pin should
not be tied directly to the SOURCE pin external to the IC.
VOLTAGE MONITOR (V) Pin:
The VOLTAGE MONITOR pin is tied to the rectified high-voltage DC
rail through a 100:1, 1% high-impedance resistor divider to minimize
power dissipation and standby power consumption. The recommend-
ed resistance value is between 8 MΩ and 16 MΩ. Modifying this
divider ratio affects peak power limit, brown-in/out thresholds and will
degrade input current quality (reduce power factor and increase
THD). A small ceramic capacitor forming an 80 µs nominal time-
constant is required from the VOLTAGE MONITOR pin to the SIGNAL
GROUND pin to bypass any switching noise present on the rectified
DC bus.
This pin also features brown-in/out detection thresholds and
incorporates a weak current source into the IC in order to act as a
pull-down in the event of an open circuit condition.
COMPENSATION (C) Pin:
This pin is used for loop pole/zero compensation of the OTA error
amplifier via the connection of a network of capacitors and a resistor
between the COMPENSATION pin and SIGNAL GROUND pin. The
COMPENSATION pin connects internally to the output of the OTA error
amplifier and the input to the on-time and off-time controllers.
FEEDBACK (FB) Pin:
This pin is connected to the main voltage regulation feedback resistor
divider network and is also used for fast over and undervoltage
protection. This pin also detects the presence of the feedback
voltage divider network at start-up and during operation. The divider
ratio should be the same as the VOLTAGE MONITOR pin for proper and
optimized power limit and power factor. A large upper resistor
between 8 MΩ and 16 MΩ ±1% is recommended. A small ceramic
capacitor between FEEDBACK and SIGNAL GROUND, forming a nominal
80 µs time-constant with the bottom resistor, is required.
POWER GOOD (PG) Pin:
Use of the PG function is optional. The POWER GOOD pin is an
active low, open-drain connection which sinks current when the
output voltage is in regulation. At start-up, once the FEEDBACK pin
voltage has risen to ~95% of the internal reference voltage, the
POWER GOOD pin is asserted low.
After start-up, the output voltage threshold at which the PG signal
becomes high-impedance depends on the threshold programmed by
the POWER GOOD THRESHOLD pin resistor. When not in use, the
POWER GOOD pin is left unconnected.
POWER GOOD THRESHOLD (PGT) Pin:
This pin is used to program the output voltage threshold at which the
PG signal becomes high-impedance representing the PFC stage falling
out of regulation. The low threshold for the PG signal is programmed
with a resistor between the POWER GOOD THRESHOLD and SIGNAL
GROUND pins. Tying POWER GOOD THRESHOLD to the REFERENCE
pin disables the power good function (i.e. POWER GOOD pin remains
high impedance).
SOURCE (S) Pins:
These pins are the source connection of the power switch as well as
the negative bulk capacitor terminal connection.
PI-7225-061615
H Package (eSIP-16D)
(Front View)
H Package
(eSIP-16D)
(Back View)
L Package (eSIP-16G)
(Front View)
16
16
13
13
14
14
11
11
9
9
10
10
8
8
1
1
3
3
4
4
5
5
6
6
7
7
Exposed Pad (Backside)
Internally Connected to
GROUND (G) Pin
Exposed Metal (Both H and L
Packages) (On Package Edge)
Internally Connected to G Pin
1
3
4
5
6
7
8
9
10
11
13
14
16
Pin 1 I.D.
Pin 1 I.D.
G
G
Exposed Pad
(Backside)
Not Shown
Figure 3. Pin Configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com