Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7526H Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # PFS7526H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7526H Datasheet(HTML) 4 Page - Power Integrations, Inc.

  PFS7526H Datasheet HTML 1Page - Power Integrations, Inc. PFS7526H Datasheet HTML 2Page - Power Integrations, Inc. PFS7526H Datasheet HTML 3Page - Power Integrations, Inc. PFS7526H Datasheet HTML 4Page - Power Integrations, Inc. PFS7526H Datasheet HTML 5Page - Power Integrations, Inc. PFS7526H Datasheet HTML 6Page - Power Integrations, Inc. PFS7526H Datasheet HTML 7Page - Power Integrations, Inc. PFS7526H Datasheet HTML 8Page - Power Integrations, Inc. PFS7526H Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Rev. D 04/25
4
PFS7523-7529/7533-7539
www.power.com
Figure 4. Functional Block Diagram.
DRAIN (D) Pin:
This is the drain connection of the internal power switch.
BOOST DIODE CATHODE (K) Pin:
This is the cathode connection of the internal Qspeed Diode.
Functional Description
The HiperPFS-3 is a variable switching frequency boost PFC solution.
More specifically, it employs a constant amp-second on-time and
constant volt-second off-time control algorithm. This algorithm is
used to regulate the output voltage and shape the input current to
comply with regulatory harmonic current limits (high power factor).
Integrating the switch current and controlling it to have a constant
amp-sec product over the on-time of the switch allows the average
input current to follow the input voltage. Integrating the difference
between the output and input voltage maintains a constant volt-
second balance dictated by the electro-magnetic properties of the
boost inductor and thus regulates the output voltage and power.
More specifically, the control technique sets constant volt-seconds for
the off-time (t
OFF). The off-time is controlled such that:
#
VV
tK
OINOFF
1
-=
^h
(1)
PI-7226-062215
+
-
+
-
BIAS POWER (VCC)
BOOST DIODE CATHODE (K)
DRAIN (D)
SOURCE (S)
SIGNAL GROUND (G)
POWER GOOD
(PG)
POWER GOOD
THRESHOLD
(PGT)
REFERENCE
(REF)
FEEDBACK
(FB)
UVLO
12 V GATE DRIVER
REF SERIES/SHUNT
REGULATOR
REFERENCE
AND BAND GAP
VOLTAGE MONITOR (V)
HL/LL
MON(PFE)
INPUT LINE INTERFACE
ADC
PEAK
DETECTOR
PF
ENHANCER
LOW/HIGH
LINE DETECT
BROWN-IN/
OUT DETECT
BO, BI
VV
+
-
+
-
+
-
+
-
+
-
+
-
COMPENSATION (C)
VBRST
~(VO-VIN)
FBREF
FEEDBACK Pin
OV/UV/OFF
Off-Time Controller
On-Time Controller
Integrated Qspeed
Ultrafast Diode
senseFET
Power
MOSFET
Feedback UV
Buffer and
De-Glitch
Filter
Feedback OFF
M
OFF × (VFB - VV)
CINT
PON
FBREF VPG(H) FBUV FBOFF
IOCP
FBOV
IPGT
FBOV
+
-
+
-
FBUV
+
-
FBOFF
+
-
VFB
VPG(H)
REF
IPGT
IOCP
ISNS
VOFF
VE
VBRST
CINT
HL/LL
V
E
PON × MON(PFE) × ISNS
VCC
Latch
START-UP,
FMEA CHECKS
POWER LIMIT
SOA RAMP
Frequency
Slide
MON(PFE) is the switch
current sense scale
factor which is a function
of the peak input voltage
OCP
HL/LL
LEB
Feedback OV
Non-Linear OTA
OTA
VOFF is a function of the error-voltage
(VE) and is used to reduce
the average operating frequency
as a function of output power
VCC
Since the volt-seconds during the on-time must equal the volt-sec-
onds during the off-time, to maintain flux equilibrium in the PFC
choke, the on-time (t
ON) is controlled such that:
#
Vt
K
IN
ON
1
=
(2)
The controller also sets a constant value of charge during each
on-cycle of the power MOSFET. The charge per cycle is varied
gradually over many switching cycles in response to load changes so
it can be regarded as substantially constant for a half line cycle. With
this constant charge (or amp-second) control, the following relation-
ship is therefore also true:
#
It
K
IN
ON
2
=
(3)
Substituting t
ON from (2) into (3) gives:
(4)
#
IV K
K
IN
IN
1
2
=
The relationship of (4) demonstrates that by controlling a constant
amp-second on-time and constant volt-second off-time, the input
current I
IN is proportional to the input voltage VIN, therefore providing
the fundamental requirement of power factor correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com