Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7526H Datasheet(PDF) 31 Page - Power Integrations, Inc.

Part # PFS7526H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7526H Datasheet(HTML) 31 Page - Power Integrations, Inc.

Back Button PFS7526H Datasheet HTML 27Page - Power Integrations, Inc. PFS7526H Datasheet HTML 28Page - Power Integrations, Inc. PFS7526H Datasheet HTML 29Page - Power Integrations, Inc. PFS7526H Datasheet HTML 30Page - Power Integrations, Inc. PFS7526H Datasheet HTML 31Page - Power Integrations, Inc. PFS7526H Datasheet HTML 32Page - Power Integrations, Inc. PFS7526H Datasheet HTML 33Page - Power Integrations, Inc. PFS7526H Datasheet HTML 34Page - Power Integrations, Inc. PFS7526H Datasheet HTML 35Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Rev. D 04/25
31
PFS7523-7529/7533-7539
www.power.com
PFS7523/
PFS7533
PFS7524/
PFS7534
PFS7525/
PFS7535
PFS7526/
PFS7536
PFS7527/
PFS7537
PFS7528/
PFS7538
PFS7529/
PFS7539
3
2.5
2
1.5
1
0.5
0
Thermal Resistance of Internal Qspeed Diode is 5.2 °C/W for
PFS7523-7529, PFS7533-7535 and 2.6 °C/W for PFS7536-7539.
Thermal Resistance of Internal Power MOSFET shown below.
Figure 22. Thermal Resistance eSIP-16D / eSIP-16G Package ( q
JC).
Figure 21. Reverse Recovery Test Circuit.
Figure 20. Reverse Recovery Definitions.
PI-7614-041315
Pulse Generator
15 V
RG
L1
D1
DUT
Q1
VR
0.4xIRRM
I
F
dI
F/dt
I
RRM
t
RR
t
B
0
t
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com