Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7526H Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # PFS7526H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7526H Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button PFS7526H Datasheet HTML 26Page - Power Integrations, Inc. PFS7526H Datasheet HTML 27Page - Power Integrations, Inc. PFS7526H Datasheet HTML 28Page - Power Integrations, Inc. PFS7526H Datasheet HTML 29Page - Power Integrations, Inc. PFS7526H Datasheet HTML 30Page - Power Integrations, Inc. PFS7526H Datasheet HTML 31Page - Power Integrations, Inc. PFS7526H Datasheet HTML 32Page - Power Integrations, Inc. PFS7526H Datasheet HTML 33Page - Power Integrations, Inc. PFS7526H Datasheet HTML 34Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Rev. D 04/25
30
PFS7523-7529/7533-7539
www.power.com
NOTES:
A. Not tested parameter. Guaranteed by design.
B. Tested in typical Boost PFC application circuit.
C. Normally limited by internal circuitry.
D. Test under this condition may require pulsed operation due to self-heat. Pulse parameters (duration, repetition) are TBD.
E. BV
DSS 540 V maximum for 10 ns.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Qspeed Diode (6A) PFS7536-7539
DC Characteristics
Reverse Current
I
R
V
R = 530 V
T
J(D) = 25 °C
0.8
µ
A
T
J(D) = 100 °C
0.15
mA
Forward Voltage
V
F
I
F = 6 A
T
J(D) = 25 °C
1.51
V
T
J(D) = 100 °C
1.44
Junction Capacitance
C
J
V
R = 10 V, 1 MHz
41
pF
Dynamic Characteristics (Note: See Figures 19, 20 for dynamic characteristic definition)
Reverse
Recovery
Time
t
RR
di/dt = 200 A/µs,
V
R = 400 V
I
F = 6 A
T
J(D) = 25 °C
28.5
ns
T
J(D) = 100 °C
37.3
Reverse Recovery
Charge
Q
RR
di/dt = 200 A/µs,
V
R = 400 V
I
F = 6 A
T
J(D) = 25 °C
58
nC
T
J(D) = 100 °C
105.5
Maximum Reverse
Recovery Current
I
RRM
di/dt = 200 A/µs,
V
R = 400 V
I
F = 6 A
T
J(D) = 25 °C
2.95
A
T
J(D) = 100 °C
4.05
Softness Factor = t
B/tA
S
di/dt = 200 A/µs,
V
R = 400 V
I
F = 6 A
T
J(D) = 25 °C
0.53
T
J(D) = 100 °C
0.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com