Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7526H Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # PFS7526H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7526H Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button PFS7526H Datasheet HTML 17Page - Power Integrations, Inc. PFS7526H Datasheet HTML 18Page - Power Integrations, Inc. PFS7526H Datasheet HTML 19Page - Power Integrations, Inc. PFS7526H Datasheet HTML 20Page - Power Integrations, Inc. PFS7526H Datasheet HTML 21Page - Power Integrations, Inc. PFS7526H Datasheet HTML 22Page - Power Integrations, Inc. PFS7526H Datasheet HTML 23Page - Power Integrations, Inc. PFS7526H Datasheet HTML 24Page - Power Integrations, Inc. PFS7526H Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Rev. D 04/25
21
PFS7523-7529/7533-7539
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
-40 °C < T
J(C) < 125 °C (Note C)
(Unless Otherwise Specified)
Pin
Min
Typ
Max
Units
Currents
Undervoltage Current
Consumption After
Power-Up of Core and
Zeners
I
CC(UVLO)
VCC < UVLO+(min)
V = 1 V, C = 0 V, FB = 3.85 V
0 °C < T
J(C) < 100 °C
VCC
140
µ
A
Standby Current
Consumption – No
Switching Prior to
Brown-In
I
CC(STBY)
V = 1 V, C = 0 V, FB = 3.85 V
0 °C < T
J(C) < 100 °C
VCC
320
µ
A
Current Consumption
– in Burst Mode,
No Switching
I
CC(BURST)
FB = 3.85 V, C < V
ERR_MIN,
V = 1.414 V
(or 2.828 V for High-Line Only Parts)
0 °C < T
J(C) < 100 °C
VCC
395
470
µ
A
Absolute Maximum Ratings(1,2)
DRAIN Pin Peak Current: PFS7523/PFS7533 .............................7.5 A
PFS7524/PFS7534 ............................ 9.0 A
PFS7525/PFS7535 ...........................11.3 A
PFS7526/PFS7536 ...........................13.5 A
PFS7527/PFS7537............................15.8 A
PFS7528/PFS7538 ...........................18.0 A
PFS7529/PFS7539 ...........................21.0 A
DRAIN Pin Voltage .................................... -0.3 V to 530 V / 540 V(6)
VCC(3) Pin Voltage .................................................... -0.3 V to 17.5 V
PG ......................................................................... -0.3 V to 17.5 V
PG Pin Current.......................................................................10 mA
V, PGT, FB, C, REF Pin Voltage ...................................-0.3 V to 5.6 V
Storage Temperature .............................................-65 °C to 150 °C
Junction Temperature(4)...........................................-40 °C to 150 °C
Lead Temperature(5) ............................................................. 260 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Maximum ratings specified may be applied one at a time without
causing permanent damage to the product. Exposure to Absolute
Maximum Ratings conditions for extended periods of time may
affect product reliability.
3. The absolute maximum rating of the VCC is 17.5 V. This is an
absolute maximum condition that must not be exceeded. Voltages
between the max operating voltage (15 V) and this abs max
rating should be very infrequent and short in duration (e.g. at
start-up or temporary fault conditions). It is not intended as a
guarantee of the reliability of the product up to the absolute
maximum rating, but is a guideline as to the level of applied
voltage above which there is a risk of immediate damage to the
product.
4. Normally limited by internal circuitry. Applies to Controller T
J(C),
MOSFET T
J(M) and Diode Junction Temperature TJ(D).
5. 1/16” from case for 5 seconds.
6. Duration less than 15 ns and I
DS ≤ IOCP(TYP).
7. T
C(D) diode case temperature.
Thermal Resistance
Thermal Resistance: H/L Package:
(q
JA)
(1)
..................................................... 103 °C/W
(q
JC) .............................................. (see Figure 22)
Notes:
1. Controller junction temperature (T
J(C)) may be less than the
MOSFET Junction Temperature (T
J(M)) and Diode Junction
Temperature (T
J(D)).
Qspeed Diode
PFS7523-7529
PFS7533-7535
PFS7536-7539
Peak Repetitive Reverse Voltage (VRRM)
530 V
530 V
Average Forward Current IF(AV)
T
J(D) = 150 °C
3 A
6 A
Non-Repetitive Peak Surge Current (IFSM)
60 Hz, ½ cycle, T
C(D)
(7)
= 25 °C
50 A
100 A
Non-Repetitive Peak Surge Current (IFSM)
t = 500 µs, T
C(D)
(7)
= 25 °C
130 A
260 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com