Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS7701-7708 Datasheet(PDF) 34 Page - Power Integrations, Inc.

Part # TFS7701-7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS7701-7708 Datasheet(HTML) 34 Page - Power Integrations, Inc.

Back Button TFS7701-7708 Datasheet HTML 30Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 31Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 32Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 33Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 34Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 35Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 36Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 37Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 38Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Rev. B 04/15
34
TFS7701-7708
www.power.com
Typical Performance Characteristics
Note: Curves shown with f
S1(MA) = 66 kHz and fS(SB) = 132 kHz.
Figure 32. Main Supply. Breakdown Voltage vs. Temperature.
Figure 33. Standby Supply. Breakdown vs. Temperature.
Figure 34. Main Switching Frequency vs. Temperature.
Figure 35. Standby Switching Frequency vs. Temperature.
Figure 36. Main Drain (D) Current Limit vs. Temperature.
Figure 37. Standby Drain (DSB) Current Limit vs. Temperature.
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50 -25
0
25
50
75
100 125
Junction Temperature (
°C)
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50 -25
0
25
50
75
100 125
Junction Temperature (
°C)
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50 -25
0
25
50
75
100 125
Junction Temperature (
°C)
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50 -25
0
25
50
75
100 125
Junction Temperature (
°C)
1.1
1.0
0.9
-50 -25
0
25 50 75 100 125 150
Junction Temperature (
°C)
1.1
1.0
0.9
-50 -25
0
25 50 75 100 125 150
Junction Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com