Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS7701-7708 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # TFS7701-7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS7701-7708 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button TFS7701-7708 Datasheet HTML 13Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 14Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 15Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 16Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 17Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 18Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 19Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 20Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Rev. B 04/15
17
TFS7701-7708
www.power.com
Figure 16. LM431 Feedback Loop Components.
Feedback Loop Design
The HiperTFS-II is a voltage-mode controller. The main forward
plant feedback loop poles and zeros are:
•
Output LC filter double pole – typically at 800 Hz, slightly
underdamped.
•
Output capacitor ESR zero – typically at 3-5 kHz.
•
Optocoupler and FEEDBACK pin system pole – typically at
8-12 kHz. (The HiperTFS-2 has a low impedance FEEDBACK
pin to improve optocoupler bandwidth)
See Figure 16, the compensator should have a:
•
Pole at the origin (an integrator to minimize steady-state error).
This is implemented by C9.
•
A Zero near the LC double pole location. This is implemented
by R21 in conjunction with C8.
•
A phase-boost circuit, centered near the crossover frequency
– implemented with R10 and C4. This will improve phase
margin and increase the crossover frequency.
With the above compensation, and with the use of low ESR
electrolytic capacitors, a gain crossover frequency of 7-9 kHz
with a gain margin of >55° is achievable.
Resistor R11 and C5 are for soft-start. They do not contribute
significantly to the gain-phase characteristic.
Resistor R15 should be sized to conduct approximately 10 mA
when the TL431 is fully “ON” or saturated ( 2.5 V on the cathode).
It is also an overall gain-setting resistor, affecting the entire
frequency range. It, along with the phase-boost network
(R10 + C4), are the main high-frequency gain setting components.
Resistor R38 is to provide the minimum bias current for the
LM431. Capacitor C9 rolls off the LM431 gain at very high
frequencies.
Overvoltage Protection
An overvoltage protection circuit can be implemented by sourcing
>15 mA into the BYPASS pin to cause latching shut-off of both
converters. Resetting requires the BYPASS pin voltage to fall
below 4.8 V.
PI-7013-050313
S
G
HiperTFS-2
Bad
Bulk
Capacitor
High Current
Trace with
Large di/dt
Optocoupler
To Other Small
Signal Parts
Ok
Good Good
Figure 17. The PCB Trace from the Bulk Capacitor to the SOURCE Pin Contains
Currents with Large di/dt. Do not Return any Small Signal Ground
Connections to this Trace, Such as Small Signal Bypass Capacitors,
or Optocouplers.
Layout Considerations
Source and Ground Pins
Connect SOURCE and GROUND pins together on the PCB. All
high current traces (e.g., from bulk capacitor), should route to
the SOURCE pin. All small signal traces, and low voltage
bypass capacitors, should be connected to the GROUND pin.
See Figure 17. If this rule is violated, the connection in question
must be very close to the SOURCE or GROUND pin.
Bypass Capacitors
The BYPASS pin and ENABLE pin bypass capacitors must be
connected with short traces to the GROUND pin. Likewise, the
VDDH bypass capacitor must be connected with short traces
to the HIGH-SIDE SOURCE pin.
Primary Return (B-) Routing for HiperTFS-2 and PFC MOSFET
When the HiperTFS-2 shares a heat sink with a HiperPFS or
other PFC MOSFET, there is potential for noise coupling to
cause misbehavior, due to the very high di/dt associated with
the PFC diode reverse recovery. The metal in the backside of
the HiperTFS-2 is internally connected to the SOURCE pin and
thus the heat sink will be at SOURCE pin potential. The heat
sink should not be used to conduct current. The HiperTFS-2
requires a dedicated PCB trace from the SOURCE pin to the
bulk capacitor B- pin. The HiperPFS (or PFC MOSFET Source)
requires a separate PCB trace to the bulk capacitor B- pin. The
bulk capacitor is preferably placed between the HiperPFS and
HiperTFS-2. The heat sink must have a single connection to the
PFC SOURCE pin, which must be as close as possible to the
PFC MOSFET. Because of the PFC’s higher di/dt, the bulk
capacitor should be closer to the PFC than to the HiperTFS-2.
See Figure 18.
Standby Primary Bias (V
AUX) Capacitor Ground Routing
The primary V
AUX output filter capacitor negative terminal should
be routed to the bulk capacitor B- terminal. This is to prevent
the large noise currents that flow during common-mode surge
and ESD, from flowing in the HiperTFS-2 small-signal PCB
ground traces and creating ground bounce issues.
L1
41
µH
C4
47 nF
50 V
C5
47 nF
50 V
C10
1500
µF
16 V
C24
1500
µF
16 V
R21
3.3 k
Ω
U5
LM431
R24
3.92 k
Ω
1%
R15
1 k
Ω
R38
1 k
Ω
U1A
PC357A
R9
15 k
Ω
1%
R10
220
Ω
C9
1 nF
100 V
RTN
+12 V
Main
C8
47 nF
50 V
R11
39 k
Ω
PI-6999a-052313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com