Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS7701-7708 Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # TFS7701-7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS7701-7708 Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button TFS7701-7708 Datasheet HTML 11Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 12Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 13Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 14Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 15Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 16Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 17Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 18Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Rev. B 04/15
15
TFS7701-7708
www.power.com
Primary Bias Support
The standby converter provides a minimum 15 V low-side bias
output used to bias the BYPASS pin of HiperTFS-2 through a
resistor to prevent the internal high-voltage bias current source
from becoming active. The low-side bias output (V
AUX) is also
the source for remote-on/off control circuitry and output OVP
latching triggering circuitry. This output should be capable of
delivering a minimum of 20 mA, plus any additional load from
other primary-side circuitry such as PFC controllers. The
primary V
AUX filter capacitor should be at least 330 mF to hold up
the V
AUX during start-up and standby output load dump.
Soft-Start
Forward converters typically require a soft-start circuit on the
main feedback loop to prevent output overshoot on start-up.
This soft-start circuit closes the feedback loop while the output
is still rising. However, this soft-start circuit by itself may not
prevent a small output glitch during the output rise time, which
can violate any output monotonicity specifications. To prevent
this problem, the main feedback loop soft-start must work in
conjunction with the HiperTFS-2 internal soft-start. The
HiperTFS-2 main converter has two built-in soft-start mechanisms:
the current limit, and a duty cycle limit, which starts at 30 % and
opens to 78 % over 12 ms. The feedback loop soft-start (R11
and C5 in Figure 16) needs to close the feedback loop (opto
needs to start conducting), and control the output rise while the
HiperTFS-2 is still in the current limit startup phase.
EMI
The frequency jitter feature modulates the switching frequency
over a small range as a means to reduce conducted EMI
average and quasi-peak measurement associated with the
harmonics of the fundamental switching frequency. This is
particularly beneficial for average conduction mode where the
sampling bandwidth is narrow. The modulation rate is nominally
250 Hz which is high enough to reduce EMI but low enough to
have minimal effect on output ripple (rejected by the control loop).
Transformer Design
It is recommended that the transformer be designed for an AC
p-p flux density of ~2900 Gauss during continuous operation at
nominal input voltage and maximum output power, and a
maximum peak-peak transient flux density no greater than
4000 Gauss. The turns ratio should be chosen for a nominal
duty factor of 45% at 385 VDC input. This yields a good
compromise between switching RMS currents, output diode
voltage ratings, and minimum input voltage at the end of
hold-up time.
Even though leakage inductance energy is partially recycled,
low-leakage-inductance construction (e.g., split primary,
secondary is sandwiched between series primary halves), is
recommended.
For optimal main and standby transformer design refer to AN-51
and use PIXls spreadsheet. Foil secondary windings are
recommended for outputs above 10 A.
Primary Clamp Scheme
Figure 2 shows two primary clamp schemes. Clamp-to-rail
offers higher efficiency, while clamp-to-ground allows regulation
down to a lower input voltage, extending hold-up time or
allowing use of a smaller input bulk capacitor. The HiperTFS-2
spreadsheet allows selection of either scheme.
HD
HS
D
G
S
HiperTFS VDDH
R
DR1
150 V
+V
BUS
RTN
DR2
L
FB
EN
BP
DSB
PI-5846-111810
CONTROL
HD
HS
D
G
S
HiperTFS VDDH
R
L
FB
EN
BP
DSB
PI-6078-111810
DR1
DR2
CONTROL
+V
BUS
RTN
Figure 14. Two Primary Clamp Schemes, (a) Clamp-to-Rail (Higher Efficiency) and (b) Clamp-to-Ground (Enables Output to Stay in Regulation to a Lower Input Voltage).
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com