Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS7701-7708 Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # TFS7701-7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS7701-7708 Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button TFS7701-7708 Datasheet HTML 10Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 11Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 12Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 13Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 14Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 15Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 16Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 17Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Rev. B 04/15
14
TFS7701-7708
www.power.com
Design, Assembly and Layout Considerations
Power Table
The data sheet power table (Table 1, page 1) represents the
maximum advised continuous power (thermally limited) based
on the following conditions:
1. +12 V output PC main and +12 V standby.
2. A regulated DC input for main with a nominal voltage of
385 VDC and a minimum of 300 VDC.
3. HiperTFS-2 combined main and standby efficiency of 87%
at full load.
4. Schottky high-efficiency output diodes.
5. DC input for Standby 115 VDC to 385 VDC.
6. Sufficient heat sinking and fan cooling to maintain heat sink
temperature below 95 °C.
7. Transformer designed with nominal duty factor of 45%.
HiperTFS-2 Selection
Selecting the optimum HiperTFS-2 depends upon the continuous
output power, peak power, thermal management, (heat sinking)
and maximum ambient operating temperature. OEM applications
typically specify 50 °C max ambient while clone PC supplies
usually specify 25 °C ambient. Higher efficiency can be achieved
by using a larger device and selecting a reduced device current
limit. The maximum output power can be tailored for any given
device by programming the device current limit for main and
standby.
Main Frequency Selection
For single output applications 132 kHz operation is recommended
for the main converter in order to reduce size and cost of the
main transformer and output choke. With optimized magnetics
design, the efficiency can match that of a 66 kHz design. For
multiple output designs, 66 kHz operation is recommended to
provide better voltage centering of the outputs.
Hold-Up Time
The input capacitor is a critical component to ensure meeting
the specified minimum hold-up time. Proper design of the
forward converter’s nominal duty cycle and sufficient primary
winding clamp voltage for sufficient magnetizing reset of the
main transformer are also essential. PIXls (PI Expert Design
Spreadsheet) can compute these values, or refer to formula in
AN-51.
Bias Support for High-Side Driver
The high-side MOSFET driver of HiperTFS-2 is internally biased
by a high-voltage current source. For 66 kHz operation an
external bias circuit is unnecessary. When using the internal
bias, use 4.7
mF for C1. Using external bias support for 66 kHz
operation may in some cases improve very light-load efficiency
of the main converter.
External bias is required for 132 kHz operation. (D1, R1, and C2
in Figure 13) It is sourced from an ultrafast bootstrap diode (D1)
from standby low-side primary bias (V
AUX) which should provide
a typical minimum of 15 V at zero load on the standby converter
to guarantee the 12 V bias required for the high-side driver.
When using external bias, use a 0.1
mF VDDH bypass capacitor
(C1). Note the value of R1 will be different for 66 kHz vs. 132 kHz
operation.
HD
HS
D
G
S
HiperTFS-2 VDDH
R
L
FB
EN
BP
DSB
CONTROL
PI-7017-042913
C3
C1
*R1
VIN
VAUX
*C2
*D1
*D1 R1 and C2
optional for 66 kHz
operation
C1 = 0.1 µF if D1, R1, C2
present, 4.7
µF otherwise
Minimum Supply Current to
VDDH = 1.2 mA (66 kHz),
2.3 mA (132 kHz)
Main
Transformer
VHIGH_BIAS
Standby
Transformer
VHIGH_BIAS_(MIN) –12 V
1.2 mA
R1_MAX =
Typical VAUX_(MIN) = 15 V
VHIGH_BIAS_(MIN) = VAUX_(MIN)
VHIGH_BIAS_(MIN) –12 V
2.3 mA
R1_MAX =
66 kHz
132 kHz
Figure 13. Bootstrap Supply for VDDH and Component Calculations. Typical V
AUX_MIN is 17 V. Typical Value is 1 kW for 132 kHz Operation, and 2 kW if the Bias Support
Circuit is used for 66 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com