Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS7701-7708 Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # TFS7701-7708
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS7701-7708 Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button TFS7701-7708 Datasheet HTML 14Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 15Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 16Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 17Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 18Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 19Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 20Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 21Page - Power Integrations, Inc. TFS7701-7708 Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Rev. B 04/15
18
TFS7701-7708
www.power.com
Figure 18. Proper Heat Sink, TFS-2, and PFC Connections to the Bulk Capacitor, are Necessary to Prevent Interference. PFC and HiperTFS-2 both need Dedicated
Return Traces to Bulk Capacitor B-. Bulk Capacitor is PReferably Placed Between the PFC and HiperTFS-2.
Figure 19. The (-) Terminal of the V
AUX Capacitor Should be Connected to B- of the Bulk Capacitor, and not to the Ground Traces. This will Improve Lightning Surge and
ESD Immunity, due to Capacitive Displacement Currents Flowing Through the Primary-to-Secondary Capacitance in the Flyback Transformer.
PI-7014-053013
Bad
Bulk
Capacitor
Standby
Flyback
VAUX
Good
Ok
G
S
HiperTFS-2
Y Capacitor Connections
Y class safety capacitors connected across the isolation barrier,
should be routed directly to the positive of the bulk capacitor,
and preferably to B+ instead of B- to divert surge and ESD
currents away from the HiperTFS-2 small signal components
and PCB traces. See Figure 20.
PI-7029-053013
Bad
Bad
Ok
Best
B-
Bulk
Capacitor
Heat Sink
Foot
Heat Sink
S
HiperTFS-2
S
PFC
This will also improve surge and ESD immunity. The secondary-
side of the Y capacitor should be connected to the main
transformer secondary return pin. This will reduce the height of
thin “spikes” coincident with the main converter switching
edges in the output ripple, which comes from common-mode
switching noise. See Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com