Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6019 Datasheet(PDF) 60 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6019
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6019 Datasheet(HTML) 60 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6019 Datasheet HTML 56Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6019 Datasheet HTML 57Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6019 Datasheet HTML 58Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6019 Datasheet HTML 59Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6019 Datasheet HTML 60Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6019 Datasheet HTML 61Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6019 Datasheet HTML 62Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6019 Datasheet HTML 63Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6019 Datasheet HTML 64Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page60 of 161
Rev1.9
7 GPIO 模块
7.1 概述
HT6015/6215提供PA[0..13], PB[0..15], PC[0..14], PD[0..15], PE[0..8]并行端口,支持70
个双向I/O引脚,可以分别配置成输入或者输出模式。作为输入方式时,内部上拉88K电阻可配置。
各个I/O都具有最小3mA的驱动能力,部分具备大驱动能力的IO如引脚说明里所述。
HT6017提供的I/O包括:PA[4..10,12,13], PB[4..15], PC[0..14], PD[3..15], PE[3..5,7,8],
支持54个双向I/O引脚,功能与HT6015/6215相同。
HT6019提供的I/O包括:PA[4..13],PB[4,5,12..15],PC[0..3,9..12],PD[8..15],PE[0..2,6,7],
支持37个双向I/O引脚,功能与HT6015/6215相同。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com