Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 23 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button USB3300_07 Datasheet HTML 19Page - SMSC Corporation USB3300_07 Datasheet HTML 20Page - SMSC Corporation USB3300_07 Datasheet HTML 21Page - SMSC Corporation USB3300_07 Datasheet HTML 22Page - SMSC Corporation USB3300_07 Datasheet HTML 23Page - SMSC Corporation USB3300_07 Datasheet HTML 24Page - SMSC Corporation USB3300_07 Datasheet HTML 25Page - SMSC Corporation USB3300_07 Datasheet HTML 26Page - SMSC Corporation USB3300_07 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
23
Revision 1.08 (11-07-07)
DATASHEET
Function Control Register does not reset the bits of the ULPI register array. The Link should not read
or write to any registers not listed in this table.
6.1.4.1
Vendor ID Low: Address = 00h (read only)
6.1.4.2
Vendor ID High: Address = 01h (read only)
Table 6.3 ULPI Register Map
REGISTER NAME
DEFAULT
STATE
ADDRESS (6BIT)
READ
WRITE
SET
CLEAR
Vendor ID Low
24h
00h
-
-
-
Vendor ID High
04h
01h
-
-
-
Product ID Low
04h
02h
-
-
-
Product ID High
00h
03h
-
-
-
Function Control
41h
04-06h
04h
05h
06h
Interface Control
00h
07-09h
07h
08h
09h
OTG Control
06h
0A-0Ch
0Ah
0Bh
0Ch
USB Interrupt Enable Rising
1Fh
0D-0Fh
0Dh
0Eh
0Fh
USB Interrupt Enable Falling
1Fh
10-12h
10h
11h
12h
USB Interrupt Status
00h
13h
-
-
-
USB Interrupt Latch
00h
14h
-
-
-
Debug
00h
15h
-
-
-
Scratch Register
00h
16-18h
16h
17h
18h
FIELD NAME
BIT
DEFAULT
DESCRIPTION
Vendor ID Low
7:0
24h
SMSC Vendor ID
FIELD NAME
BIT
DEFAULT
DESCRIPTION
Vendor ID High
7:0
04h
SMSC Vendor ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com