Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 41 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button USB3300_07 Datasheet HTML 37Page - SMSC Corporation USB3300_07 Datasheet HTML 38Page - SMSC Corporation USB3300_07 Datasheet HTML 39Page - SMSC Corporation USB3300_07 Datasheet HTML 40Page - SMSC Corporation USB3300_07 Datasheet HTML 41Page - SMSC Corporation USB3300_07 Datasheet HTML 42Page - SMSC Corporation USB3300_07 Datasheet HTML 43Page - SMSC Corporation USB3300_07 Datasheet HTML 44Page - SMSC Corporation USB3300_07 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
41
Revision 1.08 (11-07-07)
DATASHEET
6.4
Internal Regulators and POR
The USB3300 includes an integrated set of built in power management functions, including a POR
generator. Internal regulators enable the USB3300 to be powered from a single 3.3 volt power supply,
thereby reducing the bill of materials and simplifying product design.
6.4.1
Internal Regulators
The USB3300 has two internal regulators that create two 1.8V outputs (labeled VDD1.8 and VDDA1.8)
from the 3.3volt power supply input (VDD3.3). Each regulator requires an external 4.7uF +/-20% low
ESR bypass capacitor to ensure stability. X5R or X7R ceramic capacitors are recommended since they
exhibit an ESR lower that 0.1ohm at frequencies greater than 10kHz.
Note:
The specific capacitor recommendations for each pin are detailed in Table 3.1, "USB3300 Pin
Definitions 32-Pin QFN Package", and shown in Figure 7.1 USB3300 Application Diagram
(Peripheral)on page 47. The USB3300 regulators are designed to generate a 1.8 volt supply
for the USB3300 only. Using the regulators to provide current for other circuits is not
recommended and SMSC does not guarantee USB performance or regulator stability.
6.4.2
Power On Reset (POR)
The USB3300 provides an internal POR circuit that generates a reset pulse once the PHY supplies
are stable. This reset will set all of the ULPI registers to their default values and start the PHY in normal
operation. Cycling the 3.3 volt power supply is the only method for the PHY to reset the ULPI registers
to their default states. The Link can write the registers to their default states at any time in normal
operation.
The RESET pin has the same functionality as the RESET register in the Function Control Register.
6.5
USB On-The-Go (OTG) Module
The USB3300 provides support for USB OTG. OTG allows the USB3300 to be dynamically configured
as a host or a device depending on the type of cable inserted into the Mini-AB connector. When the
Mini-A plug of a cable is inserted into the Mini-AB connector, the USB device becomes the A-device.
When a Mini-B plug is inserted, the device becomes the B-device. The OTG A-device behaves similar
to a Host while the B-device behaves similar to a peripheral. The differences are covered in the OTG
supplement.
The OTG Module meets all the requirements in the “On-The-Go Supplement to the USB 2.0
Specification”. In applications where only Host or Device is required, the OTG Module is unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com