Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 46 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button USB3300_07 Datasheet HTML 42Page - SMSC Corporation USB3300_07 Datasheet HTML 43Page - SMSC Corporation USB3300_07 Datasheet HTML 44Page - SMSC Corporation USB3300_07 Datasheet HTML 45Page - SMSC Corporation USB3300_07 Datasheet HTML 46Page - SMSC Corporation USB3300_07 Datasheet HTML 47Page - SMSC Corporation USB3300_07 Datasheet HTML 48Page - SMSC Corporation USB3300_07 Datasheet HTML 49Page - SMSC Corporation USB3300_07 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.08 (11-07-07)
46
SMSC USB3300
DATASHEET
Chapter 7 Application Notes
The USB3300 requires few external components as shown in the application diagrams. In some
applications, the power supplied on the VBUS and GND pins of the USB connector is used as the
source of system power. The USB2.0 standard restricts the voltage at the VBUS pin to a maximum
value of 5.25V. In some applications, it may be required to provide protection to the USB3300 VBUS
pin if the VBUS voltage exceeds the USB2.0 specifications.
One method of protecting the VBUS pin from excessive voltage (transients) is to place a resistor
(RVBUS) in series as shown in Figure 7.1, "USB3300 Application Diagram (Peripheral)" and Figure 7.2,
"USB3300 Application Diagram (Host or OTG)". The resistor provides protection against transients that
exceed the value of VVBUS provided in Table 4.2, "Recommended Operating Conditions". When RVBUS
is installed, the transient must not be allowed to exceed the value of VVBUS for longer than 500 μs.
To protect the VBUS pin against a steady state voltage on the USB connector that exceeds the value
of VVBUS provided in Table 4.2, an Over Voltage Protection (OVP) component can be used as shown
in Figure 7.3, "USB3300 Application Diagram (Peripheral with Over Voltage Protection)".
In addition to the capacitors shown in the application diagrams, each VDD pin should have an
additional capacitor to ground, of value 0.01 or 0.1
μF (not shown for clarity). Approximately equal
numbers of each value should be used.
Table 7.1 Component Values in Application Diagrams
REFERENCE
DESIGNATOR
VALUE
DESCRIPTION
NOTES
COUT
4.7
μF
Bypass capacitors to ground (<1
Ω
ESR) for regulator stability.
Place as close as possible to the
PHY.
CVBUS
See Table 7.2,
"Capacitance
Values at VBUS
of USB
Connector"
Capacitor to ground required by the
USB Specification. SMSC
recommends <1
Ω ESR.
Place near the USB connector.
CBYP
System
dependent.
Bypass capacitor to ground.
Place as close as possible to the
PHY.
CDC_BLOCK
System
dependent.
The USB connector housing may be
AC-coupled to the device ground.
Industry convention is to ground
only the host side of the cable
shield.
RVBUS
Max of 820
Ω in
Host or OTG
applications.
Series resistor to reduce any transient
voltage on the VBUS pin of the
USB3300.
The transient must not be
allowed to exceed the value of
VVBUS for longer than 500 μs
ID
Pin
Okay to leave No Connection
(NC) in device mode.
Table 7.2 Capacitance Values at VBUS of USB Connector
MODE
MIN VALUE
MAX VALUE
Host
120
μF
Device
1
μF10μF
OTG
1
μF6.5μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com