Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 29 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button USB3300_07 Datasheet HTML 25Page - SMSC Corporation USB3300_07 Datasheet HTML 26Page - SMSC Corporation USB3300_07 Datasheet HTML 27Page - SMSC Corporation USB3300_07 Datasheet HTML 28Page - SMSC Corporation USB3300_07 Datasheet HTML 29Page - SMSC Corporation USB3300_07 Datasheet HTML 30Page - SMSC Corporation USB3300_07 Datasheet HTML 31Page - SMSC Corporation USB3300_07 Datasheet HTML 32Page - SMSC Corporation USB3300_07 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
29
Revision 1.08 (11-07-07)
DATASHEET
6.1.5.1
ULPI Register Write
A ULPI register write operation is given in Figure 6.4. The TXD command with a register write
DATA[7:6] = 10b is driven by the Link at T0. The register address is encoded into DATA[5:0] of the
TXD CMD byte.
To write to a register, the Link will wait until DIR is low, and at T0, drive the TXD CMD on the databus.
At T2 the PHY will drive NXT high. On the next rising clock edge, T3, the Link will write the register
data. At T4 the PHY will accept the register data and the Link will drive an Idle on the bus and drive
STP high to signal the end of the data packet. Finally, at T5, the PHY will latch the data into the register
and drive NXT low. The Link will pull STP low.
NXT is used to control when the Link drives the register data on the bus. DIR is low throughout this
transaction since the PHY is receiving data from the Link. STP is used to end the transaction and data
is registered after the de-assertion of STP. After the write operation completes, the Link must drive a
ULPI Idle (00h) on the data bus or the USB3300 may decode the bus value as a ULPI command.
Register Write
10b
XXXXXXb
Immediate Register Write Command where
DATA[5:0] = 6-bit register address
Register Read
11b
XXXXXXb
Immediate Register Read Command where
DATA[5:0] = 6-bit register address
Figure 6.4 ULPI Register Write
Table 6.4 ULPI TXD CMD Byte Encoding (continued)
COMMAND NAME
CMD
BITS[7:6]
CMD BITS[5:0]
COMMAND DESCRIPTION
DIR
CLK
DATA[7:0]
STP
NXT
TXD CMD
(reg write)
Idle
Reg Data[n]
Idle
ULPI Register
Reg Data [n-1]
Reg Data [n]
T0
T1
T2
T3
T5
T4
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com