Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 30 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button USB3300_07 Datasheet HTML 26Page - SMSC Corporation USB3300_07 Datasheet HTML 27Page - SMSC Corporation USB3300_07 Datasheet HTML 28Page - SMSC Corporation USB3300_07 Datasheet HTML 29Page - SMSC Corporation USB3300_07 Datasheet HTML 30Page - SMSC Corporation USB3300_07 Datasheet HTML 31Page - SMSC Corporation USB3300_07 Datasheet HTML 32Page - SMSC Corporation USB3300_07 Datasheet HTML 33Page - SMSC Corporation USB3300_07 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.08 (11-07-07)
30
SMSC USB3300
DATASHEET
6.1.5.2
ULPI Register Read
A ULPI register read operation is given in Figure 6.5. The Link drives a TXD CMD byte with DATA[7:6]
= 11h for a register read. DATA[5:0] of the ULPI TXD command bye contain the register address.
At T0, the Link will place the TXD CMD on the databus. At T2, the PHY will bring NXT high, signaling
that the Link it is ready to accept the data transfer. At T3, the PHY reads the TXD CMD, determines
it is a register read, and asserts DIR to gain control of the bus. The PHY will also de-assert NXT. At
T4, the bus ownership has transferred back to the PHY and the PHY drives the requested register
onto the databus. At T5, the Link will read the databus and the PHY will drop DIR low returning control
of the bus back to the Link. After the turn around cycle, the Link must drive a ULPI Idle command at T6.
6.1.6
ULPI RXD CMD
The Link needs several more important states of information which were provided by the linestate[1:0],
rxactive, rxvalid and rxerror. When an implementing the OTG functions the Vbus and ID pin states
must also be transferred into the Link.
ULPI defines a Receive Command Byte (RXD CMD) that contains this information. The Encoding of
the RXD CMD byte is given in the Table 6.5, "ULPI RX CMD Encoding".
Transfer of the RXD CMD byte occurs when in Synchronous Mode when the PHY has control of the
bus. Transfers of the RXD CMD occur after: a transmit cmd has issued STP, a linestate change when
not transmitting, a USB receive, or an interrupt event occurs.
In Figure 6.2, "ULPI Digital Block Diagram", the ULPI Protocol Block determines when to send an RXD
CMD. When a linestate change occurs the RXD CMD is sent immediately if the DIR output is low.
When a USB Receive is occurring RXD CMDs are sent when ever NXT = 0 and DIR = 1. When a
USB Transmit occurs the RXD CMDs are returned to the Link after the STP is asserted ending the
Link to USB3300 transfer of the bytes to be sent on the transmit.
To summarize a RXD CMD transfer occurs:
when DIR is low and a linestate change occurs.
when Vbus and/or ID comparators change state.
Figure 6.5 ULPI Register Read
DIR
CLK
DATA[7:0]
STP
NXT
Txd Cmd Reg
Read
Idle
T0
Reg Data
Turn around
Turn around
T1
T2
T3
T4
T5
T6
Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com