Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011MF/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV2011MF/NOPB
Description  LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2011MF/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMV2011MF/NOPB Datasheet HTML 1Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 2Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 3Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 4Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 5Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 6Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 7Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 8Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LMV2011
SNOSA32C – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Human Body Model
2000V
ESD Tolerance
Machine Model
200V
Supply Voltage
5.5V
Common-Mode Input Voltage
−0.3≤ VCM ≤ VCC +0.3V
Differential Input Voltage
± Supply Voltage
Current At Input Pin
30mA
Current At Output Pin
30mA
Current At Power Supply Pin
50mA
Junction Temperature (TJ)
150°C
Lead Temperature (soldering 10 sec.)
+300°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur. Operating Ratings indicate conditions for which the device
is intended to be functional, but specific performance is not ensured. For ensured specifications and test conditions, see the Electrical
Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
Operating Ratings
(1)
Supply Voltage
2.7V to 5.25V
Storage Temperature Range
−65°C to 150°C
Operating Temperature Range
0°C to 70°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur. Operating Ratings indicate conditions for which the device
is intended to be functional, but specific performance is not ensured. For ensured specifications and test conditions, see the Electrical
Characteristics.
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for T J = 25°C, V
+ = 2.7V, V-= 0V, V
CM = 1.35V, VO = 1.35V and RL > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOS
0.8
25
μV
Input Offset Voltage
35
0.5
10
ms
Offset Calibration Time
12
TCVOS
Input Offset Voltage
0.015
μV/°C
Long-Term Offset Drift
0.006
μV/month
Lifetime VOS Drift
2.5
5
μV
IIN
Input Current
-3
pA
IOS
Input Offset Current
6
pA
RIND
Input Differential Resistance
9
M
Ω
CMRR
−0.3 ≤ VCM ≤ 0.9V
130
95
dB
Common Mode Rejection Ratio
0
≤ VCM ≤ 0.9V
90
PSRR
120
95
dB
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
90
AVOL
130
95
RL = 10kΩ
90
Open Loop Voltage Gain
dB
124
90
RL = 2kΩ
85
VO
2.665
2.68
2.655
RL = 10kΩ to 1.35V
V
VIN(diff) = ±0.5V
0.033
0.060
0.075
Output Swing
2.630
2.65
2.615
RL = 2kΩ to 1.35V
V
VIN(diff) = ±0.5V
0.061
0.085
0.105
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMV2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com