Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011MF/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV2011MF/NOPB
Description  LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2011MF/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMV2011MF/NOPB Datasheet HTML 1Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 2Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 3Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 4Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 5Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 6Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 7Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 8Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
V
+
1
2
3
4
5
6
7
8
N/C
VIN
-
VIN
+
V
-
N/C
VOUT
N/C
-
+
LMV2011
www.ti.com
SNOSA32C – AUGUST 2003 – REVISED MARCH 2013
LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
Check for Samples: LMV2011
1
FEATURES
DESCRIPTION
The LMV2011 is a new precision amplifier that offers
2
•
(For Vs = 5V, Typical Unless Otherwise Noted)
unprecedented accuracy and stability at an affordable
•
Low Ensured Vos Over Temperature 35µV
price and is offered in a miniature (5-pin SOT-23)
•
Low Noise with no 1/f 35nV/
√Hz
package and in an 8-lead SOIC package. This device
utilizes
patented
techniques
to
measure
and
•
High CMRR 130dB
continually correct the input offset error voltage. The
•
High PSRR 120dB
result is an amplifier which is ultra stable over time
•
High AVOL 130dB
and temperature. It has excellent CMRR and PSRR
ratings, and does not exhibit the familiar 1/f voltage
•
Wide Gain-Bandwidth Product 3MHz
and current noise increase that plagues traditional
•
High Slew Rate 4V/µs
amplifiers.
The
combination
of
the
LMV2011
•
Low Supply Current 930µA
characteristics makes it a good choice for transducer
amplifiers, high gain configurations, ADC buffer
•
Rail-to-Rail Output 30mV
amplifiers, DAC I-V conversion, and any other 2.7V-
•
No External Capacitors Required
5V application requiring precision and long term
stability.
APPLICATIONS
Other useful benefits of the LMV2011 are rail-to-rail
•
Precision Instrumentation Amplifiers
output, a low supply current of 930µA, and wide gain-
•
Thermocouple Amplifiers
bandwidth
product
of
3MHz.
These
extremely
versatile features found in the LMV2011 provide high
•
Strain Gauge Bridge Amplifier
performance and ease of use.
Connection Diagrams
Figure 1. 5-Pin SOT-23 (Top View)
Figure 2. 8-Pin SOIC (Top View)
See DBV Package
See D Package
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV2011MF/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV2011MF/NOPB TI-LMV2011MF/NOPB Datasheet
1Mb / 24P
LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
More results

Similar Description - LMV2011MF/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMV2011 TI-LMV2011 Datasheet
1Mb / 24P
LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMC2001 TI1-LMC2001 Datasheet
655Kb / 15P
High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com