Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011MF/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMV2011MF/NOPB
Description  LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2011MF/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV2011MF/NOPB Datasheet HTML 6Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 7Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 8Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 9Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 10Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 11Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 12Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 13Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LMV2011
SNOSA32C – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
THE BENEFITS OF LMV2011 NO 1/f NOISE
Using patented methods, the LMV2011 eliminates the 1/f noise present in other amplifiers. That noise, which
increases as frequency decreases, is a major source of measurement error in all DC-coupled measurements.
Low-frequency noise appears as a constantly-changing signal in series with any measurement being made. As a
result, even when the measurement is made rapidly, this constantly-changing noise signal will corrupt the result.
The value of this noise signal can be surprisingly large. For example: If a conventional amplifier has a flat-band
noise level of 10nV/
√Hz and a noise corner of 10Hz, the RMS noise at 0.001Hz is 1µV/√Hz. This is equivalent to
a 0.50µV peak-to-peak error, in the frequency range 0.001 Hz to 1.0 Hz. In a circuit with a gain of 1000, this
produces a 0.50mV peak-to-peak output error. This number of 0.001 Hz might appear unreasonably low, but
when a data acquisition system is operating for 17 minutes, it has been on long enough to include this error. In
this same time, the LMV2011 will only have a 0.21mV output error. This is smaller by 2.4 x. Keep in mind that
this 1/f error gets even larger at lower frequencies. At the extreme, many people try to reduce this error by
integrating or taking several samples of the same signal. This is also doomed to failure because the 1/f nature of
this noise means that taking longer samples just moves the measurement into lower frequencies where the noise
level is even higher.
The LMV2011 eliminates this source of error. The noise level is constant with frequency so that reducing the
bandwidth reduces the errors caused by noise.
Another source of error that is rarely mentioned is the error voltage caused by the inadvertent thermocouples
created when the common "Kovar type" IC package lead materials are soldered to a copper printed circuit board.
These steel-based leadframe materials can produce over 35
μV/°C when soldered onto a copper trace. This can
result in thermocouple noise that is equal to the LMV2011 noise when there is a temperature difference of only
0.0014°C between the lead and the board!
For this reason, the lead-frame of the LMV2011 is made of copper. This results in equal and opposite junctions
which cancel this effect. The extremely small size of the SOT-23 package results in the leads being very close
together. This further reduces the probability of temperature differences and hence decreases thermal noise.
OVERLOAD RECOVERY
The LMV2011 recovers from input overload much faster than most chopper-stabilized opamps. Recovery from
driving the amplifier to 2X the full scale output, only requires about 40ms. Many chopper-stabilized amplifiers will
take from 250ms to several seconds to recover from this same overload. This is because large capacitors are
used to store the unadjusted offset voltage.
Figure 30. Overload Recovery Test
The wide bandwidth of the LMV2011 enhances performance when it is used as an amplifier to drive loads that
inject transients back into the output. ADCs (Analog-to-Digital Converters) and multiplexers are examples of this
type of load. To simulate this type of load, a pulse generator producing a 1V peak square wave was connected
to the output through a 10pF capacitor (Figure 30). The typical time for the output to recover to 1% of the applied
pulse is 80ns. To recover to 0.1% requires 860ns. This rapid recovery is due to the wide bandwidth of the output
stage and large total GBW.
NO EXTERNAL CAPACITORS REQUIRED
The LMV2011 does not need external capacitors. This eliminates the problems caused by capacitor leakage and
dielectric absorption, which can cause delays of several seconds from turn-on until the amplifier's error has
settled.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMV2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com