Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011MF/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV2011MF/NOPB
Description  LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2011MF/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV2011MF/NOPB Datasheet HTML 2Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 3Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 4Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 5Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 6Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 7Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 8Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 9Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
14
16
18
20
OUTPUT VOLTAGE (V)
VS = 2.7V
70°C
25°C
0°C
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
20
OUTPUT VOLTAGE (V)
VS = 5V
0°C
70°C
25°C
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
14
16
18
20
OUTPUT VOLTAGE (V)
70°C
25°C
0°C
VS = 2.7V
70°C
0°C
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
20
OUTPUT VOLTAGE (V)
VS = 5V
70°C
25°C
70°C
0°C
0°C
10
1k
100k
10M
FREQUENCY (Hz)
0
40
80
120
1M
10k
100
100
60
20
VS = 2.7V
VCM = 1V
POSITIVE
NEGATIVE
10
1k
100k
10M
FREQUENCY (Hz)
0
40
80
120
1M
10k
100
100
60
20
VS = 5V
VCM = 2.5V
POSITIVE
NEGATIVE
LMV2011
SNOSA32C – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
TA=25C, VS= 5V unless otherwise specified.
PSRR vs. Frequency
PSRR vs. Frequency
Figure 9.
Figure 10.
Output Sourcing @ 2.7V
Output Sourcing @ 5V
Figure 11.
Figure 12.
Output Sinking @ 2.7V
Output Sinking @ 5V
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMV2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com