Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011MF/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV2011MF/NOPB
Description  LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2011MF/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV2011MF/NOPB Datasheet HTML 4Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 5Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 6Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 7Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 8Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 9Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 10Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 11Page - Texas Instruments LMV2011MF/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
VS = 2.7V
VOUT = 200mVPP
RL = >1M
CL = <20pF
PHASE
GAIN
0°C
70°C
25°C
70°C
0°C
-23
0
23
45
68
90
113
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
VS = 5V
VOUT = 200mVPP
RL = >1M
CL = <20pF
PHASE
GAIN
0°C
70°C
25°C
70°C
0°C
-23
0
23
45
68
90
113
100
10k
10M
FREQUENCY (Hz)
-20
20
100
1M
100k
1k
80
40
0
60
-30.0
30.0
150.0
120.0
60.0
0.0
90.0
10pF
500pF
10pF
500pF
VS = 2.7V, RL = >1M
CL = 10,50,200 & 500pF
PHASE
GAIN
100
10k
10M
FREQUENCY (Hz)
-20
20
100
1M
100k
1k
80
40
0
60
10pF
10pF
500pF
500pF
VS = 5V, RL = >1M
CL = 10,50,200 & 500pF
-30.0
30.0
150.0
120.0
60.0
0.0
90.0
GAIN
PHASE
100
10k
10M
FREQUENCY (Hz)
-20
20
100
1M
100k
1k
80
40
0
60
-30.0
30.0
150.0
120.0
60.0
0.0
90.0
VS = 2.7V
RL = >1M
CL = < 20pF
RL = >1M & 2k
RL = >1M
RL = 2k
RL = >1M
RL = 2k
PHASE
GAIN
100
10k
10M
FREQUENCY (Hz)
-20
20
100
1M
100k
1k
80
40
0
60
-30.0
30.0
150.0
120.0
60.0
0.0
90.0
VS = 5V
RL = >1M
CL = < 20pF
RL = >1M & 2k
RL = >1M
RL = 2k
RL = >1M
PHASE
GAIN
LMV2011
SNOSA32C – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
TA=25C, VS= 5V unless otherwise specified.
Open Loop Gain and Phase vs. RL @ 2.7V
Open Loop Gain and Phase vs. RL @ 5V
Figure 21.
Figure 22.
Open Loop Gain and Phase vs. CL @ 2.7V
Open Loop Gain and Phase vs. CL @ 5V
Figure 23.
Figure 24.
Open Loop Gain and Phase vs. Temperature @ 2.7V
Open Loop Gain and Phase vs. Temperature @ 5V
Figure 25.
Figure 26.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMV2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com