Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DE2 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM486DE2
Description  8-Kbyte Write-Through Embedded Microprocessor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DE2 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM486DE2 Datasheet HTML 1Page - Advanced Micro Devices AM486DE2 Datasheet HTML 2Page - Advanced Micro Devices AM486DE2 Datasheet HTML 3Page - Advanced Micro Devices AM486DE2 Datasheet HTML 4Page - Advanced Micro Devices AM486DE2 Datasheet HTML 5Page - Advanced Micro Devices AM486DE2 Datasheet HTML 6Page - Advanced Micro Devices AM486DE2 Datasheet HTML 7Page - Advanced Micro Devices AM486DE2 Datasheet HTML 8Page - Advanced Micro Devices AM486DE2 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
Am486DE2 Microprocessor
BLOCK DIAGRAM
ADS, W/R, D/C, M/IO,
PCD, PWT, RDY, LOCK,
PLOCK, BOFF, A20M,
BREQ, HOLD, HLDA,
RESET, INTR, NMI,
FERR, UP, IGNNE, SMI,
SMIACT, SRESET
Control
ROM
Floating-
Point
Register
File
Floating-
Point
Unit
Micro-instruction
Decoded
Instruction
Path
Instruction
Decode
24
Code
Stream
32
Displacement Bus
32-Byte
Code Queue
2x16 Bytes
Prefetcher
128
32
JTAG
TDI, TCK,
TDO, TMS
PCHK,
DP3–DP0
Parity
Generation
and Control
Cache
Control
KEN, FLUSH,
AHOLD, CACHE,
EADS, INV,
WB/WT, HITM
BS16, BS8
Bus Size
Control
Burst Bus
Control
BRDY, BLAST
Bus Control
Request
Sequencer
Data Bus
Transceivers
D31–D0
Writeback
Buffers
4x32
Copyback
Buffers
4x32
Write
Buffers
4x32
Address
Drivers
A31–A2
BE3–BE0
Bus Interface
Clock
Generator
CLK
STPCLK
Clock
Interface
32-Bit Data Bus
32-Bit Data Bus
32-Bit Linear Address
Barrel
Shifter
Register
File
24
ALU
Physical
Address
Segmentation
Unit
Descriptor
Registers
Limit and
Attribute
PLA
Paging Unit
Translation
Lookaside
Buffer
PCD, PWT
2
Physical
Address
24
8-Kbyte
Cache
Cache Unit
32
Central and
Protection
Test Unit
VOLDET
V, V
CC
SS
Power
Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com