Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DE2 Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM486DE2
Description  8-Kbyte Write-Through Embedded Microprocessor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DE2 Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM486DE2 Datasheet HTML 44Page - Advanced Micro Devices AM486DE2 Datasheet HTML 45Page - Advanced Micro Devices AM486DE2 Datasheet HTML 46Page - Advanced Micro Devices AM486DE2 Datasheet HTML 47Page - Advanced Micro Devices AM486DE2 Datasheet HTML 48Page - Advanced Micro Devices AM486DE2 Datasheet HTML 49Page - Advanced Micro Devices AM486DE2 Datasheet HTML 50Page - Advanced Micro Devices AM486DE2 Datasheet HTML 51Page - Advanced Micro Devices AM486DE2 Datasheet HTML 52Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Am486DE2 Microprocessor
49
*0.350
″ high unidirectional heat sink (Al alloy 6063-T5, 40 mil fin width, 155 mil center-to-center fin spacing).
Table 15. Thermal Resistance (°C/W)
θ
JC and θJA for the Am486DE2 in 168-Pin PGA Package
Cooling
Mechanism
θ
JC
θ
JA vs. Airflow-ft/min. (m/sec)
0 (0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
No Heat Sink
1.5
16.5
14.0
12.0
10.5
9.5
9.0
Heat Sink*
2.0
12.0
7.0
5.0
4.0
3.5
3.25
Heat Sink* and fan
2.0
5.0
4.6
4.2
3.8
3.5
3.25
Table 16. Maximum TA at Various Airflows in °C
T
A by Cooling
Type
Clock
Airflow-ft/min. (m/sec)
0 (0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
TA without Heat Sink
66 MHz
49.0
55.0
59.8
63.4
65.8
67.0
TA with Heat Sink
66 MHz
61.0
73.0
77.8
80.2
81.4
82.0
TAwith Heat Sink and
fan
66 MHz
77.8
78.8
79.7
80.7
81.4
82.0
Figure 26. . Heat Sink Dimensions
0.290
″
0.100
″
0.040
″
1.53
″
0.350
″
0.060
″
0.115
″
17852B-113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com