Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DE2 Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM486DE2
Description  8-Kbyte Write-Through Embedded Microprocessor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DE2 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM486DE2 Datasheet HTML 44Page - Advanced Micro Devices AM486DE2 Datasheet HTML 45Page - Advanced Micro Devices AM486DE2 Datasheet HTML 46Page - Advanced Micro Devices AM486DE2 Datasheet HTML 47Page - Advanced Micro Devices AM486DE2 Datasheet HTML 48Page - Advanced Micro Devices AM486DE2 Datasheet HTML 49Page - Advanced Micro Devices AM486DE2 Datasheet HTML 50Page - Advanced Micro Devices AM486DE2 Datasheet HTML 51Page - Advanced Micro Devices AM486DE2 Datasheet HTML 52Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
52
Am486DE2 Microprocessor
Notes:
1. All dimensions and tolerances conform to ANSI Y14.5M-1982.
2. DATUM Plane -A- is located at the mold parting line, and is coincedent with the bottom of the lead where the lead exits the
plastic body.
3. Dimensions “D1" and ”E1" do not include mold protrusions. Allowable protrusion is 0.25mm per side. Dimensions “D1" and ”E1"
include mold mismatch, and are determined at DATUM plane -A-.
4. Dimension “b” does not include DAMBAR protrusion.
5. Controlling dimensions: Millimeter.
6. Dimensions “D” and “E” are measured from outermost points.
7. Pin No. 1 ID may be inside top ejector mark, or separate.
8. Heatsink centerline to be aligned with package centerline
±0.30.
9. Half span (Center of package to lead tip) shall be 15.30
±0.165[0.602"±0.0065"]
10. No lead distortion (bent leads etc...) shall cause deviation from true position greater than
±0.04[0.0016"] at “b max”.
11. Lead coplanarity with respect to the seating plane shall not exeed 0.08[0.0031"].
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Am386, and Am486 are registered trademarks of Advanced Micro Devices, Inc.
FusionE86 is a service mark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
0.10
0.20
Gage Plane
0.25
0.20
± 0.10
0
° Min.
0.40 Min. Flat Shoulder
12~ 16
°
12~ 16
°
0
°-7°
10
11
0.08
4
4.00
Detail H
0.50
0.75
1.30
Nom.
Section S-S
0.17
0.27
0.17
0.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com