Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DE2 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM486DE2
Description  8-Kbyte Write-Through Embedded Microprocessor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DE2 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM486DE2 Datasheet HTML 35Page - Advanced Micro Devices AM486DE2 Datasheet HTML 36Page - Advanced Micro Devices AM486DE2 Datasheet HTML 37Page - Advanced Micro Devices AM486DE2 Datasheet HTML 38Page - Advanced Micro Devices AM486DE2 Datasheet HTML 39Page - Advanced Micro Devices AM486DE2 Datasheet HTML 40Page - Advanced Micro Devices AM486DE2 Datasheet HTML 41Page - Advanced Micro Devices AM486DE2 Datasheet HTML 42Page - Advanced Micro Devices AM486DE2 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Am486DE2 Microprocessor
39
ELECTRICAL DATA
The following sections describe recommended electri-
cal connections for the Am486DE2 microprocessor, and
electrical specifications.
Power Connections
The Am486DE2 microprocessor has modest power re-
quirements. However, the high clock-frequency output
buffers can cause power surges as multiple output buff-
ers drive new signal levels simultaneously. For clean,
on-chip power distribution at high frequency, 23 VCC pins
and 28 VSS pins feed the microprocessor in the 168-pin
PGA package. The 208-lead SQFP package includes
53 VCC pins and 38 VSS pins.
Power and ground connections must be made to all ex-
ternal V
CC and VSS pins of the microprocessors. On a
circuit board, all V
CC pins must connect to a VCC plane.
Likewise, all V
SS pins must connect to a common GND
plane.
The Am486DE2 microprocessor requires only 3.3 V as
input power. Unlike other 3-V 486 processors, the
Am486DE2 microprocessor does
not require a V
CC5 in-
put of 5 V to indicate the presence of 5-V I/O devices on
the system motherboard. For socket compatibility, this
pin is INC (Internal No Connect), allowing the
Am486DE2 CPU to operate in 3-V sockets in systems
that use 5-V I/O.
Power Decoupling Recommendations
Liberal decoupling capacitance should be placed near
the microprocessor. The microprocessor, driving its 32-
bit parallel address and data buses at high frequencies,
can cause transient power surges, particularly when
driving large capacitive loads.
Low-inductance capacitors and interconnects are rec-
ommended for best high-frequency electrical perfor-
mance. Inductance can be reduced by shortening circuit
board traces between the microprocessor and the de-
coupling capacitors. Capacitors designed specifically
for use with PGA packages are commercially available.
Other Connection Recommendations
For reliable operation, always connect unused inputs to
an appropriate signal level. Active Low inputs should be
connected to VCC through a pull-up resistor. Pull-ups in
the range of 20 k
Ω are recommended. Active High in-
puts should be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com