Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DE2 Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM486DE2
Description  8-Kbyte Write-Through Embedded Microprocessor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DE2 Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM486DE2 Datasheet HTML 31Page - Advanced Micro Devices AM486DE2 Datasheet HTML 32Page - Advanced Micro Devices AM486DE2 Datasheet HTML 33Page - Advanced Micro Devices AM486DE2 Datasheet HTML 34Page - Advanced Micro Devices AM486DE2 Datasheet HTML 35Page - Advanced Micro Devices AM486DE2 Datasheet HTML 36Page - Advanced Micro Devices AM486DE2 Datasheet HTML 37Page - Advanced Micro Devices AM486DE2 Datasheet HTML 38Page - Advanced Micro Devices AM486DE2 Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Am486DE2 Microprocessor
35
tion vectors. The interrupt vector table for SMM has the
same format as for Real mode. Until the interrupt vector
table is correctly initialized, the SMI handler must not
generate an exception (or software interrupt). Even
though hardware interrupts are disabled, exceptions
and software interrupts can still occur. Only a correctly
written SMI handler can prevent internal exceptions.
When new exception vectors are initialized, internal ex-
ceptions can be serviced. The restrictions follow:
s Due to the Real mode style of base address
formation, an interrupt or exception cannot transfer
control to a segment with a base address of more
than 20 bits.
s An interrupt or exception cannot transfer control to a
segment offset of more than 16 bits.
s If exceptions or interrupts are allowed to occur, only
the Low order 16 bits of the return address are
pushed onto the stack. If the offset of the interrupted
procedure is greater than 64 Kbytes, it is not possible
for the interrupt/exception handler to return control
to that procedure. (One workaround is to perform
software adjustment of the return address on the
stack.)
s The SMBASE Relocation feature affects the way the
CPU returns from an interrupt or exception during an
SMI handler.
Note: The execution of an IRET instruction enables
Non-Maskable Interrupt (NMI) processing.
HALT during SMM
HALT should not be executed during SMM, unless in-
terrupts have been enabled. Interrupts are disabled on
entry to SMM. INTR and NMI are the only events that take
the CPU out of HALT within SMM.
Relocating SMRAM to an Address above 1 Mbyte
Within SMM (or Real mode), the segment base registers
can be updated only by changing the segment register.
The segment registers contain only 16 bits, which allows
only 20 bits to be used for a segment base address (the
segment register is shifted left 4 bits to determine the
segment base address). If SMRAM is relocated to an
address above 1 Mbyte, the segment registers can no
longer be initialized to point to SMRAM.
These areas can still be accessed by using address
override prefixes to generate an offset to the correct
address. For example, if the SMBASE has been relo-
cated immediately below 16M, the DS and ES registers
are still initialized to 0000 0000h. Data in SMRAM can still
be accessed by using 32-bit displacement registers:
move esi,OOFFxxxxh;64K segment immediately
below 16M
move ax,ds:[esi]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com