Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010LAH Datasheet(PDF) 16 Page - Texas Instruments

Part # PTH12010LAH
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12010LAH Datasheet(HTML) 16 Page - Texas Instruments

Back Button PTH12010LAH Datasheet HTML 12Page - Texas Instruments PTH12010LAH Datasheet HTML 13Page - Texas Instruments PTH12010LAH Datasheet HTML 14Page - Texas Instruments PTH12010LAH Datasheet HTML 15Page - Texas Instruments PTH12010LAH Datasheet HTML 16Page - Texas Instruments PTH12010LAH Datasheet HTML 17Page - Texas Instruments PTH12010LAH Datasheet HTML 18Page - Texas Instruments PTH12010LAH Datasheet HTML 19Page - Texas Instruments PTH12010LAH Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
www.ti.com
PTH12010W, PTH12010L
SLTS205G – JUNE 2003 – REVISED FEBRUARY 2007
Typical Auto-Track Application
The basic implementation of Auto-Track allows for simultaneous voltage sequencing of a number of Auto-Track
compliant modules. Connecting the Track inputs of two or more modules forces their track input to follow the
same collective RC-ramp waveform, and allows their power-up sequence to be coordinated from a common
Track control signal. This can be an open-collector (or open-drain) device, such as a power-up reset voltage
supervisor IC. See U3 in Figure 14.
To coordinate a power-up sequence, the Track control must first be pulled to ground potential through RTRK as
defined in Figure 14. This should be done at or before input power is applied to the modules. The ground signal
should be maintained for at least 40 ms after input power has been applied. This brief period gives the modules
time to complete their internal soft-start initialization (4), enabling them to produce an output voltage. A low-cost
supply voltage supervisor IC, that includes a built-in time delay, is an ideal component for automatically
controlling the Track inputs at power up.
Figure 14 shows how the TL7712A supply voltage supervisor IC (U3) can be used to coordinate the sequenced
power up of two 12-V input Auto-Track modules. The output of the TL7712A supervisor becomes active above
an input voltage of 3.6 V, enabling it to assert a ground signal to the common track control well before the input
voltage has reached the module's undervoltage lockout threshold. The ground signal is maintained until
approximately 43 ms after the input voltage has risen above U3's voltage threshold, which is 10.95 V. The
43-ms time period is controlled by the capacitor C3. The value of 3.3 µF provides sufficient time delay for the
modules to complete their internal soft-start initialization. The output voltage of each module remains at zero
until the track control voltage is allowed to rise. When U3 removes the ground signal, the track control voltage
automatically rises. This causes the output voltage of each module to rise simultaneously with the other
modules, until each reaches its respective set-point voltage.
Figure 15 shows the output voltage waveforms from the circuit of Figure 14 after input voltage is applied to the
circuit. The waveforms, VO1 and VO2, represent the output voltages from the two power modules, U1 (3.3 V) and
U2 (1.8 V), respectively. VTRK, VO1, and VO2 are shown rising together to produce the desired simultaneous
power-up characteristic.
The same circuit also provides a power-down sequence. When the input voltage falls below U3's voltage
threshold, the ground signal is re-applied to the common track control. This pulls the track inputs to zero volts,
forcing the output of each module to follow, as shown in Figure 16. In order for a simultaneous power-down to
occur, the track inputs must be pulled low before the input voltage has fallen below the modules' undervoltage
lockout. This is an important constraint. Once the modules recognize that a valid input voltage is no longer
present, their outputs can no longer follow the voltage applied at their track input. During a power-down
sequence, the fall in the output voltage from the modules is limited by the maximum output capacitance and the
Auto-Track slew rate. If the Track pin is pulled low at a slew rate greater than 1 V/ms, the discharge of the
output capacitors will induce large currents which could exceed the peak current rating of the module. This will
result in a reduction in the maximum allowable output capacitance as listed in the Electrical Characteristics
table. When controlling the Track pin of the PTH12060W using a voltage supervisor IC, the slew rate is
increased, therefore COmax is reduced to 2200 µF.
Notes on Use of Auto-Track™
1. The Track pin voltage must be allowed to rise above the module set-point voltage before the module
regulates at its adjusted set-point voltage.
2. The Auto-Track function tracks almost any voltage ramp during power up, and is compatible with ramp
speeds of up to 1 V/ms.
3. The absolute maximum voltage that may be applied to the Track pin is the input voltage VI.
4. The module cannot follow a voltage at its track control input until it has completed its soft-start
initialization. This takes about 40 ms from the time that a valid voltage has been applied to its input.
During this period, it is recommended that the Track pin be held at ground potential.
5. The Auto-Track function is disabled by connecting the Track pin to the input voltage (VI). When
Auto-Track is disabled, the output voltage rises at a quicker and more linear rate after input power has
been applied.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com