Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010LAH Datasheet(PDF) 17 Page - Texas Instruments

Part # PTH12010LAH
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12010LAH Datasheet(HTML) 17 Page - Texas Instruments

Back Button PTH12010LAH Datasheet HTML 13Page - Texas Instruments PTH12010LAH Datasheet HTML 14Page - Texas Instruments PTH12010LAH Datasheet HTML 15Page - Texas Instruments PTH12010LAH Datasheet HTML 16Page - Texas Instruments PTH12010LAH Datasheet HTML 17Page - Texas Instruments PTH12010LAH Datasheet HTML 18Page - Texas Instruments PTH12010LAH Datasheet HTML 19Page - Texas Instruments PTH12010LAH Datasheet HTML 20Page - Texas Instruments PTH12010LAH Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
www.ti.com
N = Number of Track pins connected together
10 k
Ω
# RTRK = 100 Ω / N
V
I = 12 V
Vo
1 = 3.3 V
R
SET1
C
O1
+
C
+
PTH12050W
5
6
3
4
2
Track
V
I
V
O
GND
Inhibit
1
Adjust
TL7712A
V
CC
GND
SENSE
RESIN
REF
CT
RESET
RESET
8
7
2
1
3
5
6
4
C
T
C
REF
R
RST
Vo
2 = 1.8 V
C
O2
+
C
+
PTH12060W
7
10
4
5
6
2
3
9
8
Track
V
I
V
O
GND
Inhibit
1
Up
Dn
Sense
Adjust
SET2
U1
U2
U3
R
TRK
#
2.0 k
Ω
11.5 k
Ω
I2
0.1
µF
3.3
µF
50
Ω
I1
R
t − Time − 20 ms/div
VTRK (1 V/div)
V01 (1 V/div)
V02 (1 V/div)
t − Time − 400
µs/div
VTRK (1 V/div)
V01 (1 V/div)
V02 (1 V/div)
PTH12010W, PTH12010L
SLTS205G – JUNE 2003 – REVISED FEBRUARY 2007
Figure 14. Sequenced Power Up and Power Down Using Auto-Track
Figure 15. Simultaneous Power Up With Auto-Track
Figure 16. Simultaneous Power Down with Auto-Track
Control
Control
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com