Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010LAH Datasheet(PDF) 1 Page - Texas Instruments

Part # PTH12010LAH
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12010LAH Datasheet(HTML) 1 Page - Texas Instruments

  PTH12010LAH Datasheet HTML 1Page - Texas Instruments PTH12010LAH Datasheet HTML 2Page - Texas Instruments PTH12010LAH Datasheet HTML 3Page - Texas Instruments PTH12010LAH Datasheet HTML 4Page - Texas Instruments PTH12010LAH Datasheet HTML 5Page - Texas Instruments PTH12010LAH Datasheet HTML 6Page - Texas Instruments PTH12010LAH Datasheet HTML 7Page - Texas Instruments PTH12010LAH Datasheet HTML 8Page - Texas Instruments PTH12010LAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
www.ti.com
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT
FEATURES
APPLICATIONS
NominalSize=1.37inx0.62in
(34,8mmx15,75mm)
DESCRIPTION
PTH12010W, PTH12010L
SLTS205G – JUNE 2003 – REVISED FEBRUARY 2007
ADJUST POWER MODULE
• Complex Multivoltage, Multiprocessor
• Up to 12-A Output Current
Systems
• 12-V Input Voltage
• Wide-Output Voltage Adjust
(1.2 V to 5.5 V)/(0.8 V to 1.8 V)
• Efficiencies up to 94%
• 200 W/in3 Power Density
• On/Off Inhibit
• Output Voltage Sense
• Prebias Startup
• Undervoltage Lockout
• Auto-Track™ Sequencing
• Margin Up/Down Controls
• Output Overcurrent Protection
(Nonlatching, Auto-Reset)
• Operating Temperature: –40°C to 85°C
• Safety Agency Approvals:
UL/IEC/CSA-22.2 60950-1
• Point of Load Alliance (POLA™) Compatible
The PTH12010 series of non-isolated power modules that are small in size but big on performance and
flexibility. The high output current, compact footprint, and industry-leading features offers system designers a
versatile module for powering complex multi-processor digital systems.
The series employs double-sided surface mount construction and provides high-performance step-down power
conversion for up to 12 A of output current. The output voltage of the W-suffix parts can be set to any value over
the range, 1.2 V to 5.5 V. The L-suffix devices have an adjustment range of 0.8 V to 1.8 V. The output voltage is
set using a single external resistor.
This series includes Auto-Track™ sequencing. Auto-Track simplifies the task of supply voltage sequencing in a
power system by enabling modules to track each other, or any external voltage, during power up and power
down.
Other operating features include an on/off inhibit, output voltage adjust (trim), margin up/down controls, and the
ability to start up into an existing output voltage or prebias. For improved load regulation, an output voltage
sense is also provided. A nonlatching overcurrent trip serves as load fault protection.
Target applications include complex multivoltage, multiprocessor systems that incorporate the industry’s
high-speed TMS320™ DSP family, microprocessors, and bus drivers.
For start-up into a non-prebiased output, review page 14 in the Application Information section.
For start-up into a prebiased output, review page 18 in the Application Information section.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Auto-Track, TMS320 are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTH12010LAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12010LAH TI-PTH12010LAH Datasheet
997Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Similar Description - PTH12010LAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com