Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010LAH Datasheet(PDF) 8 Page - Texas Instruments

Part # PTH12010LAH
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12010LAH Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH12010LAH Datasheet HTML 4Page - Texas Instruments PTH12010LAH Datasheet HTML 5Page - Texas Instruments PTH12010LAH Datasheet HTML 6Page - Texas Instruments PTH12010LAH Datasheet HTML 7Page - Texas Instruments PTH12010LAH Datasheet HTML 8Page - Texas Instruments PTH12010LAH Datasheet HTML 9Page - Texas Instruments PTH12010LAH Datasheet HTML 10Page - Texas Instruments PTH12010LAH Datasheet HTML 11Page - Texas Instruments PTH12010LAH Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
V
I
C
330 F
(Optional)
O
m
C
560 F
(Required)
I
m
GND
V
O
V Sense
O
R
SET
1%
0.1W
PTH12010x
1
10
4
5
6
2
3
9
7
GND
8
NOTES
PTH12010W, PTH12010L
SLTS205G – JUNE 2003 – REVISED FEBRUARY 2007
The VO Adjust control (pin 4) sets the output voltage of the PTH12010 product. The adjustment range is from 1.2
V to 5.5 V for the W-suffix modules, and 0.8 V to 1.8 V for L-suffix modules. The adjustment method requires the
addition of a single external resistor, RSET, that must be connected directly between the VO Adjust and GND
pins.Table 1 gives the standard value of the external resistor for a number of standard voltages, along with the
actual output voltage that this resistance value provides. For other output voltages, the value of the required
resistor can either be calculated using Equation 1, or simply selected from the range of values given in Table 3.
Figure 11 shows the placement of the required resistor.
Table 1. Standard Values of RSET for Standard Output Voltages
PTH12010W
PTH12010L
VO (Required)
RSET
VO (Actual)
RSET
VO(Actual)
5 V
280
Ω
5.009 V
N/A
N/A
3.3 V
2.0 k
Ω
3.294 V
N/A
N/A
2.5 V
4.32 k
Ω
2.503 V
N/A
N/A
2 V
8.06 k
Ω
2.010 V
N/A
N/A
1.8 V
11.5 k
Ω
1.081 V
130
Ω
1.800 V
1.5 V
24.3 k
Ω
1.506 V
3.57 k
Ω
1.499 V
1.2 V
Open
1.200 V
12.1 k
Ω
1.201 V
1.1 V
N/A
N/A
18.7 k
Ω
1.101 V
1.0 V
N/A
N/A
32.4 k
Ω
0.999 V
0.9 V
N/A
N/A
71.5 k
Ω
0.901 V
0.8 V
N/A
N/A
Open
0.800 V
Figure 11. Vo Adjust Resistor Placement
1. A 0.05 W rated resistor may be used. The tolerance should be 1%, with temperature stability of 100
ppm/
°C (or better). Place the resistor as close to the regulator as possible. Connect the resistor directly
between pins 4 and 7 using dedicated PCB traces.
2. Never connect capacitors from VO Adjust to either GND or VO. Any capacitance added to the VO Adjust
pin affects the stability of the regulator.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com