Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010LAH Datasheet(PDF) 4 Page - Texas Instruments

Part # PTH12010LAH
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12010LAH Datasheet(HTML) 4 Page - Texas Instruments

  PTH12010LAH Datasheet HTML 1Page - Texas Instruments PTH12010LAH Datasheet HTML 2Page - Texas Instruments PTH12010LAH Datasheet HTML 3Page - Texas Instruments PTH12010LAH Datasheet HTML 4Page - Texas Instruments PTH12010LAH Datasheet HTML 5Page - Texas Instruments PTH12010LAH Datasheet HTML 6Page - Texas Instruments PTH12010LAH Datasheet HTML 7Page - Texas Instruments PTH12010LAH Datasheet HTML 8Page - Texas Instruments PTH12010LAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH12010W, PTH12010L
SLTS205G – JUNE 2003 – REVISED FEBRUARY 2007
T
A = 25°C, VI = 12 V, VO = 1.8 V, CI = 560 µF, CO = 0 µF, and IO = IOmax (Unless otherwise stated)
PTH12010L
CHARACTERISTICS
CONDITIONS
MIN
TYP
MAX
UNIT
60
°C, 200 LFM airflow
0
12(1)
Io
Output current
0.8 V
≤ V
O≤ 1.8 V
A
25
°C, natural convection
0
12(1)
VI
Input voltage range
Over IO range
10.8
13.2
V
Vo tol
Set-point voltage tolerance
±2(2)
%Vo
∆Reg
temp
Temperature variation
–40 °C <TA < 85 °C
±0.5
%Vo
∆Reg
line
Line regulation
Over Vi range
±10
mV
∆Reg
load
Load regulation
Over IO range
±12
mV
∆Reg
tot
Total output variation
Includes set-point, line, load, –40
°C ≤ T
A≤ 85°C
±3(2)
%Vo
∆Vadj
Output voltage adjust range
Over VI range
0.8
1.8
V
RSET = 130 Ω, Vo = 1.8V
89
RSET = 3.57 kΩ, Vo = 1.5V
88
η
Efficiency
IO= 8 A
RSET = 12.1 kΩ, Vo = 1.2V
86
%
RSET = 32.4 kΩ, Vo = 1V
84
RSET = OPEN, Vo = 0.8V
82
Vr
VO ripple (peak-to-peak)
20 MHz bandwidth
All Vo
1
%VO
Io trip
Overcurrent threshold
Reset, followed by auto-recovery
20
A
ttr
1 A/µs load step,
Recovery Time
70
µSec
Transient response
50 to100% Iomax,
VO over/undershoot
100
mV
∆V
tr
CO= 330 µF
VOmargin
Margin up/down adjust
±5%
Margin Control
(pins 9 &10)
IILmargin
Margin input current, Pin to GND
–8(3)
µA
IILtrack
Track input current (pin 8)
Pin to GND
–0.13(4)
mA
dVtrack/dt Track slew rate capability
CO≤ CO(max)
1
V/ms
VI increasing
9.5
10.4
UVLO
Undervoltage lockout
V
VI decreasing
8.8
9
VIH
Input high voltage, Referenced to GND
Open(4)
V
VIL
Inhibit control (pin 3)
Input low voltage, Referenced to GND
–0.2
0.5
IIL
Input low current, Pin 3 to GND
0.24
mA
II
Input standby current
Inhibit (pin 3) to GND, Track (pin 8) open
10
mA
fs
Switching frequency
Over VI and Io ranges
200
250
300
kHz
CI
External input capacitance
560(5)
µF
nonceramic
0
330(6)
6,600(7)
Capacitance value
µF
CO
External output capacitance
ceramic
0
300
Equivalent series resistance (nonceramic)
4(8)
m
MTBF
Reliability
Bellcore TR-332,50% stress,TA=40°C, GND benign
6.4
106 Hrs
(1)
See SOA curves or consult factory for appropriate derating.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1%, with 100 ppm/
°C (or better) temperature stability.
(3)
A small, low-leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit voltage is less than 1 Vdc.
(4)
This control pin has an internal pull-up to the input voltage VI (7.5 V for pin 8). If it is left open-circuit the module operates when input
power is applied. A small, low-leakage (<100 nA) MOSFET or open-drain/collector voltage supervisor IC is recommended for control. Do
not place an external pull-up on this pin. For further information, see the related application section.
(5)
A 560
µF electrolytic input capacitor, rated for a minimum of 800 mA rms of ripple current is required for proper operation.
(6)
External output capacitance is not required for operation. Adding 330
µF of distributed capacitance improves the transient response.
(7)
This is the calculated maximum. The minimum ESR limitation oftens result in a lower value. When controlling the Track pin using a
voltage supervisor, CO(max) is reduced to 3300 µF. See the application notes for further guidance.
(8)
This is the typical ESR for all nonceramic ouput capacitance. Use 7 m
Ω as the minimum when using max-ESR values to calculate.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com