Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8580IPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC8580IPWR
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT, DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8580IPWR Datasheet(HTML) 4 Page - Texas Instruments

  DAC8580IPWR Datasheet HTML 1Page - Texas Instruments DAC8580IPWR Datasheet HTML 2Page - Texas Instruments DAC8580IPWR Datasheet HTML 3Page - Texas Instruments DAC8580IPWR Datasheet HTML 4Page - Texas Instruments DAC8580IPWR Datasheet HTML 5Page - Texas Instruments DAC8580IPWR Datasheet HTML 6Page - Texas Instruments DAC8580IPWR Datasheet HTML 7Page - Texas Instruments DAC8580IPWR Datasheet HTML 8Page - Texas Instruments DAC8580IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
TIMING CHARACTERISTICS
DAC8580
SLAS458B – JUNE 2005 – REVISED AUGUST 2005
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = TMIN to TMAX, +AVDD = +5 V, –AVDD = –5 V, DVDD = +5 V, VREF = 4.096 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC output signal (sine wave) frequency = 1 kHz,
DAC input update rate = 192 KSPS,
–70
Digital filter is OFF
DAC output signal (sine wave) frequency = 40 kHz,
Total harmonic distortion (THD)
DAC input update rate =1 MSPS,
–68
–56
dB
Digital filter oversampling rate =16(3)
DAC output signal (sine wave) frequency = 1 kHz,
DAC input update rate = 192 KSPS,
–98
Software calibrated, digital filter is OFF(4)
DAC output signal is 1-kHz sine wave, –1 dBFS.
Signal to noise ratio (SNR)
110
dBFS
Noise bandwidth is from 0 to 10 kHz. (5)
Serial clock = 16 MHz,
Maximum output frequency (without external
Digital filter oversampling rate =16
0.2
MHz
analog filter)
THD > 50 dBs, without analog filter
Serial clock = 32 MHz,
Maximum output frequency (with external
Digital filter oversampling rate = 8(6)
1
MHz
analog filter)
THD > 50 dBs, with analog filter
Maximum output update rate
16
MHz
DIGITAL INPUT CHARACTERISTICS
VIH
0.7 x DVDD
DVDD
V
VIL
GND
0.3 x DVDD
Input leakage current
±0.05
±1
µA
Input capacitance
5
pF
Power-on delay
From VDD high to CS low
130
µs
POWER SUPPLY CHARACTERISTICS
+AVDD
4.0
5
6.0
V
–AVDD
–6.0
–5
–4.0
V
DVDD
1.8
AVDD
V
IDD
17
24
AVDD = 5.0 V, AVSS = –5.0 V,
mA
VREF = 4.096 V, IREF included
ISS
–23
–32
TEMPERATURE RANGE
Specified performance
–40
85
°C
(5)
A precision delta-sigma digitizer is used to make the measurement.
(6)
An oversampling ratio of 16X cannot be supported at 32 MHz clock frequency. 8X oversampling can be used instead to generate a
1-MHz output. To generate output frequencies over 200 kHz, use of analog anti-imaging filters are highly recommended. The DAC8580
digital filter still relaxes the analog filter requirements. At FOUT >200 kHz, large-signal waveforms have overshoot/undershoot due to the
settling characteristics of the output amplifiers. Small-signal waveforms don't show this behavior.
At –40°C to 85°C, DV
DD = +5 V, +AVDD = +5 V, –AVDD = –5 V, unless otherwise noted
(1) (2)
PARAMETER
MIN
MAX
UNIT
tsck
SCLK period
33
twsck
SCLK high or low time
16
tsu
Data setup time (input)
5
thi
Data hold time (input)
5
ns
tSWF
FSYNC setup time
5
tHWF
FSYNC hold time
5
tr
Rise time
20
1
tf
Fall time
20
1
tWFUPDAC
Delay from falling edge of FSYNC to loading DAC latch(3)
1.5
tsck
(1)
Specified by design. Not production tested.
(2)
Sample tested during the initial release and after any redesign or process changes that may affect this parameter.
(3)
OUTPUT of pin VOUT changes to new level immediately (within settling time) after DAC register is loaded.
4
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com