Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8580IPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC8580IPWR
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT, DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8580IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8580IPWR Datasheet HTML 3Page - Texas Instruments DAC8580IPWR Datasheet HTML 4Page - Texas Instruments DAC8580IPWR Datasheet HTML 5Page - Texas Instruments DAC8580IPWR Datasheet HTML 6Page - Texas Instruments DAC8580IPWR Datasheet HTML 7Page - Texas Instruments DAC8580IPWR Datasheet HTML 8Page - Texas Instruments DAC8580IPWR Datasheet HTML 9Page - Texas Instruments DAC8580IPWR Datasheet HTML 10Page - Texas Instruments DAC8580IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
−30
−20
−10
0
10
20
30
3
3.5
4
4.5
5
5.5
VREF − Reference Voltage − V
INL max
INL min
AVDD = 6 V,
AVSS = −6 V
−30
−20
−10
0
10
20
30
3
3.5
4
4.5
5
5.5
6
INL max
INL min
AVSS = −AVDD,
VREF = AVDD −0.3 V
AVDD − Supply Voltage − V
185
187
189
191
193
−40
−20
0
20
40
60
80
TA − Free-Air Temperature − 5C
AVDD = 5 V,
AVSS = –5 V,
VREF = 4.096 V
−4
−2
0
2
4
−40
−20
0
20
40
60
80
TA − Free-Air Temperature − 5C
AVDD = 5 V,
AVSS = –5 V,
VREF = 4.096 V
10
15
20
25
−40
−20
0
20
40
60
80
TA − Free-Air Temperature − °C
−25
−23
−21
−19
−17
−15
−13
−11
−40
−20
0
20
40
60
80
TA − Free-Air Temperature − °C
DAC8580
SLAS458B – JUNE 2005 – REVISED AUGUST 2005
TYPICAL CHARACTERISTICS (AVDD = 5 V, AVSS = –5 V, VREF = 4.096 V, unless otherwise
noted) (continued)
INTEGRAL NONLINEARITY ERROR
INTEGRAL NONLINEARITY ERROR
vs
vs
VREF
SUPPLY VOLTAGE
Figure 4.
Figure 5.
OFFSET ERROR
GAIN ERROR
vs
vs
TEMPERATURE
TEMPERATURE
Figure 6.
Figure 7.
POSITIVE SUPPLY CURRENT - IDD
NEGATIVE SUPPLY CURRENT - ISS
vs
vs
TEMPERATURE
TEMPERATURE
Figure 8.
Figure 9.
7
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com